Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4661 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4661
Description  30-A Dual Output Isolated DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4661 Datasheet(HTML) 3 Page - Texas Instruments

  PT4661 Datasheet HTML 1Page - Texas Instruments PT4661 Datasheet HTML 2Page - Texas Instruments PT4661 Datasheet HTML 3Page - Texas Instruments PT4661 Datasheet HTML 4Page - Texas Instruments PT4661 Datasheet HTML 5Page - Texas Instruments PT4661 Datasheet HTML 6Page - Texas Instruments PT4661 Datasheet HTML 7Page - Texas Instruments PT4661 Datasheet HTML 8Page - Texas Instruments PT4661 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
For technical support and further information, visit http://power.ti.com
PT4660 Series
30-A Dual Output Isolated
DC/DC Converter
SLTS140C – MAY 2001 – REVISED OCTOBER 2003
Specifications (Unless otherwise stated, Ta =25 °C, Vin =48 V, & Io1=Io2=10 A)
PT4660 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io1, Io2
Vo1
Vo1 ≤3.3 V
0
15
A
Vo1 =5.0 V
0
10
Vo2
All voltages
0
15
A
Io1+Io2
Total (both outputs)
Vo1 ≤3.3 V
0
30
A
Vo1 =5.0 V
0
25
Input Voltage Range
Vin
36
48
75
V
Set Point Voltage Tolerance
Votol
±1±2%Vo
Temperature Variation
∆Regtemp
–40 to +100 °C Case, Io1 =Io2 =0 A
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range with Io1=Io2=5 A
±5
±10
mV
Load Regulation
∆Regload
1 A
≤Io1 ≤Io1max, Io2 =1 A
∆Vo1
±2
±10
mV
1 A
≤Io2 ≤Io1max, Io1 =1 A
∆Vo2
±2
±10
Cross Regulation
∆Regcross
1 A
≤Io2 ≤Io1max, Io1 =1 A
∆Vo1
±2
±10
mV
1 A
≤Io1 ≤Io1max, Io2 =1 A
∆Vo2
—±2
±5
Total Output Variation
∆Votol
Includes set-point, line load,
∆Vo1
—±2
±3
%Vo
–40 °C to +100 °C case
∆Vo2
—±2
±3
Efficiency
η
PT4661
88
PT4662
87
PT4663
86
PT4665
86
%
PT4666
85
PT4667
88
PT4668
86
Vo Ripple (pk-pk)
Vr
Io1=Io2=5 A, 20 MHz bandwidth
Vo =5 V
75
mVpp
Vo <5 V
50
Transient Response
ttr
1 A/µs load step from 50 % to 100 % Iomax
25
100
µSec
(either output)
6.0
%Vo
Current Limit
ILIM
Each output with other unloaded
15.5
18
A
Output Rise Time
ton
At turn-on to within 90 % of Vo
5
10
mSec
Output Over-Voltage Protection
OVP
Either output; shutdown and latch off
125 (1)
—%Vo
Output Voltage Adjustment
∆Voadj
Vo1, Vo2
±10
%Vo
Switching Frequency
fs
270
330
kHz
Under-Voltage-Lockout
UVLO
Rising
34
36
V
Falling
30
32
Internal Input Capacitance
Cin
—2
—µF
Enable Control Inputs
Referenced to –Vin
Input High Voltage
VIH
3.5
V
Input Low Voltage
VIL
0
0.8 (2)
Input Low Current
IIL
0.5
mA
Standby Current
Iin standby
Pins 2, 3, & 4 connected
3
5
mA
External Output Capacitance
Cout
Per each output
0
5,000
µF
Primary/Secondary Isolation
V iso
1500
V
C iso
1500
pF
R iso
10
——M
Temperature Sense
Vtemp
Output voltage at temperatures:-
–40 °C
0.1 (3)
V
100 °C
1.5 (3)
Operating Temperature Range
Ta
Over Vin range
–40
85 (4)
°C
Over-Temperature ProtectionOTP
Case temperature (auto restart)
100
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (5)
°C
Storage Temperature
Ts
–40
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2, Suffix N
10 (6)
G’s
20–2,000 Hz
Suffixes A, C
20 (6)
Weight
90
grams
Flammability
Materials meet UL 94V-0
Notes: (1) This is a fixed parameter. Adjusting Vo1 or Vo2 higher will increase the module’s sensitivity to over-voltage detection. For more information, see the
application note on output voltage adjustment.
(2) The EN1 and EN2 control inputs (pins 3 & 4) have internal pull-ups and may be controlled with an open-collector (or open-drain) transistor. Both
inputs are diode protected and can be connected to +Vin. The maximum open-circuit voltage is 5.4 V.
(3) Voltage output at “TEMP” pin is defined by the equation:- VTEMP = 0.5 + 0.01·T, where T is in °C. See pin descriptions for more information.
(4) See SOA curves or consult the factory for the appropriate derating.
(5) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215 °C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(6) The case pins on the through-holed package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT4661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4661A TI-PT4661A Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661C TI-PT4661C Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661N TI-PT4661N Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com