Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBP75VDA120-50 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBP75VDA120-50
Description  IGBT MODULE (V series) 1200V / 75A / IPM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP75VDA120-50 Datasheet(HTML) 4 Page - Fuji Electric

  7MBP75VDA120-50 Datasheet HTML 1Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 2Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 3Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 4Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 5Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 6Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 7Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 8Page - Fuji Electric 7MBP75VDA120-50 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
IGBT Modules
7MBP75VDA120-50
http://www.fujielectric.com/products/semiconductor/
5
Characteristics (Representative)
Power supply current vs. Switching frequency
Tj= 25℃(typ.)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
Switchig frequency : fSW [ kHz ]
VCC=17V
VCC=15V
VCC=13V
VCC=17V
VCC=15V
VCC=13V
N-side
P-side
Input signal threshold voltage
vs. Power supply voltage (typ.)
0
0.5
1
1.5
2
2.5
3
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
Vinth(on)
Vinth(off)
TC =25~125℃
Under voltage vs. Junction temperature (typ.)
0
3
6
9
12
15
0
20
40
60
80
100
120
140
Junction temperature : Tj [ ℃ ]
Under voltage hysterisis
vs. Junction temperature (typ.)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
120
140
Junction temperature : Tj [ ℃ ]
Alarm hold time vs. Power supply voltage (typ.)
0
2
4
6
8
10
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
tALM(TjOH)
tALM(OC)
Over heating characteristics
TjOH,TjH vs. VCC (typ.)
0
50
100
150
200
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
TjOH
TjH


Similar Part No. - 7MBP75VDA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75VDA060-50 FUJI-7MBP75VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 75A / IPM
More results

Similar Description - 7MBP75VDA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75VDA120-50 FUJI-6MBP75VDA120-50 Datasheet
590Kb / 8P
   IGBT MODULE (V series) 1200V / 75A / IPM
6MBP75RA120 FUJI-6MBP75RA120 Datasheet
334Kb / 7P
   IGBT-IPM(1200V/75A)
7MBP75RA120 FUJI-7MBP75RA120 Datasheet
404Kb / 8P
   IGBT-IPM(1200V/75A)
7MBP75VDA060-50 FUJI-7MBP75VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP75VBA060-50 FUJI-6MBP75VBA060-50 Datasheet
897Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP75VDA060-50 FUJI-6MBP75VDA060-50 Datasheet
582Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
7MBP35VDA120-50 FUJI-7MBP35VDA120-50 Datasheet
693Kb / 11P
   IGBT MODULE (V series) 1200V / 35A / IPM
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com