Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS23851 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS23851
Description  Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23851 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS23851 Datasheet HTML 3Page - Texas Instruments TPS23851 Datasheet HTML 4Page - Texas Instruments TPS23851 Datasheet HTML 5Page - Texas Instruments TPS23851 Datasheet HTML 6Page - Texas Instruments TPS23851 Datasheet HTML 7Page - Texas Instruments TPS23851 Datasheet HTML 8Page - Texas Instruments TPS23851 Datasheet HTML 9Page - Texas Instruments TPS23851 Datasheet HTML 10Page - Texas Instruments TPS23851 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
TPS23851
www.ti.com
SLUSAB3 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
Conditions are -20
≤ TJ ≤ 125°C unless otherwise noted. VVDD = 3.3 V, VVEE = -48 V, VDGND = VAGND, and all outputs are
unloaded, unless otherwise noted. Positive currents are into pins. Current sense resistor = 0.5
Ω. Typical values are at 25°C.
All voltages are with respect to DGND unless otherwise noted. Operating registers loaded with default values unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Timings
TICUT = 00
50
70
TICUT = 01
25
35
tICUT
ICUT time limit
TICUT = 10
100
140
TICUT = 11
200
280
TSTART = 00
50
70
TSTART = 01
25
35
Maximum current limit
tSTART
duration in port start-up
TSTART = 10
100
140
TSTART = 11
200
280
ms
Detection duration with
tDET
Time to complete a detection
275
425
4-point discovery
Auto or semi-auto mode. From detection complete
50
tpdc
Classification duration
Manual mode. From class command
50
Auto mode from end of detection to port turn on
200
Tpon
Port power on delay
Manual mode from port turn on command to IGATE
4
= IGO+
Delay before next attempt to power a port following
ted
Error delay timing
750
power removal due to error condition
Reset time duration from
TRESET
3
6
RESET pin
µs
TRDG
RESET input deglitch time
1
5
TDIS = 00
300
400
TDIS = 01
75
100
PD Maintain Power signature
tMPDO
ms
dropout time limit
TDIS = 10
150
200
TDIS = 11
600
800
tSHDG
SHDNn input deglitch time
SHDNx pin assertion threshold
1
5
µs
tPOR
device power-on reset delay
20
ms
Digital Interface
VIH
Digital input High
2.4
VIL
Digital input Low
0.8
V
at 3 mA
0.4
VOL
Digital output Low
SDAO at 5 mA
0.7
Rpullup
Pullup resistor to VDD
RESET, A[3:0], /SHDN[4:1]
30
50
80
k
Rpulldown
Pulldown resistor to DGND
AUTO pin
30
50
80
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS23851


Similar Part No. - TPS23851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS2383PM TI-TPS2383PM Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS23851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
[Old version datasheet]   IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Linear Technology
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4274 LINER-LTC4274 Datasheet
118Kb / 2P
   Single IEEE 802.3at Power Over Ethernet Controller
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com