Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3304A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT3304A
Description  30 WATT POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3304A Datasheet(HTML) 1 Page - Texas Instruments

  PT3304A Datasheet HTML 1Page - Texas Instruments PT3304A Datasheet HTML 2Page - Texas Instruments PT3304A Datasheet HTML 3Page - Texas Instruments PT3304A Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
20
Application Notes
Mechanical Outline
Product Selector Guide
Revised 5/15/98
30 WATT POSITIVE STEP-DOWN
INTEGRATED SWITCHING REGULATOR
PT3300
Series
Standard Application
Cin = Optional 100µF/100V electrolytic
Cout = Required 330µF electrolytic
Note: Pins 4,5,6 and pins 10,11,12,13 are
connected internally.
Ordering Information
PT3301
o = +3.3 Volts
PT3302
o = +5.0 Volts
PT3303
o = +12.0 Volts
PT3304
o = +15.0 Volts
PT3300
7-9
4-6
14-17
V
IN
V
INGND
V
O
C
OUT
+
C
IN
+
19
REMOTE SENSE
10-13
2
LOAD
V
O Adjust
3
V
OGND
Inhibit
30W Output Power
Input Voltage Range:
20V to 60V
High Efficiency
Vo Inhibit
Vo Adjust
Remote Sense
Current Limit
Short-Circuit Protection
Over-Temperature Shutdown
19-pin SIP Package
Features
Pin-Out Information
Pin
Function
1
Do Not Use
2
Inhibit
3Vo Adjust
4Vin GND
5Vin GND
6Vin GND
7Vin
8Vin
9Vin
10
Vo GND
11
Vo GND
12
Vo GND
13
Vo GND
14
Vo
15
Vo
16
Vo
17
Vo
18
Do Not Use
19
Remote Sense
The PT3300 is a new series of high-
input voltage, 30 Watt, non-isolated
Integrated Switching Regulators (ISRs)
housed in a 19-pin SIP package. The 20
to 60 V input range allows easy integra-
tion into many distributed power
applications which utilize 24, 28, or 48V
bus architechures.
The PT3300 series is available with
3.3, 5, 12, or 15V outputs. The output
voltage is adjustable from 90 to 110% of
nominal with the addition of an external
resistor. Other easy to use features include
an inhibit function and remote sense
which automatically compensates for any
voltage drop from the ISR to the load. As
with other Power Trends’ products, the
PT3300 includes built in current limit,
short circuit protection and over-tempera-
ture shutdown.
The PT3300 requires a 330µF output
capacitor for proper operation.
(For dimensions and PC
board layout, see Package
Styles 820 and 830.)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Specifications
Characteristics
PT3300 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = +3.3V
0.50*
8.0
A
Vo = +5.0V
0.50*
6.0
A
Vo = +12.0V
0.25*
2.5
A
Vo = +15.0V
0.20*
2.0
A
Short Circuit Current
Isc
Vin = +25V
2
×Imax
——
Input Voltage Range
Vin
0.5
≤ Io ≤ Imax
20
60
V
Output Voltage Tolerance
∆Vo
Over Vin range, Io = Imax
—±1
±3
%Vo
0°C
≤ Ta ≤ +60°C
Line Regulation
Regline
Over Vin range
±0.5
±1
%Vo
Load Regulation
Regload
0.5
≤ Io ≤ Imax
±0.5
±1
%Vo
Vo Adjust Range
Vo adj
Over Vin and Io ranges
90
110
%Vo
V
o Ripple/Noise
Vn
Vin = +24V, Io = Imax
23%Vo
Transient Response
ttr
25% load change
100
250
µSec
with Cout = 330µF
Vos
Vo over/undershoot
2
5
%Vo
Efficiency
η
Vin = +24V, Io = 0.5×Imax
Vo = +3.3V
80
%
Vo = +5.0V
85
%
Vo = +12.0V
87
%
Switching Frequency
ƒo
Over Vin and Io ranges
600
750
900
kHz
Absolute Maximum
Ta
-20
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free air convection
-20
+65**
°C
Temperature Range
Over Vin and Io ranges
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—10
G’s
20-2000 Hz, soldered in a PC board
Weight
35
grams
*ISR will operate down to no load with reduced specifications. ** See Thermal Derating Curve
Note: The PT3300 Series requires a 330µF electrolytic or tantalum output capacitor for proper operation in all applications.


Similar Part No. - PT3304A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT3300 PTC-PT3300 Datasheet
140Kb / 4P
   3.2W Class-F Audio Power Amplifier
PT3300-HS PTC-PT3300-HS Datasheet
140Kb / 4P
   3.2W Class-F Audio Power Amplifier
More results

Similar Description - PT3304A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST233 TI-78ST233 Datasheet
216Kb / 1P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com