Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G86QDBVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G86QDBVRQ1
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G86QDBVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC1G86QDBVRQ1 Datasheet HTML 1Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 2Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 3Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 4Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 5Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 6Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 7Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 8Page - Texas Instruments SN74AHC1G86QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHC1G86-Q1
SCLS723
– APRIL 2011
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ±0.3 V, TA = –40°C to 125°C, see Figure 1
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
tPLH
9.5
14.5
1
16.5
A or B
Y
CL = 50 pF
ns
tPHL
9.5
14.5
1
16.5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ±0.5 V, TA = –40°C to 125°C, see Figure 1
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
tPLH
6.3
8.8
1
10
A or B
Y
CL = 50 pF
ns
tPHL
6.3
8.8
1
10
OPERATING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load, f = 1 MHz
18
pF
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN74AHC1G86-Q1


Similar Part No. - SN74AHC1G86QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G86 TI-SN74AHC1G86 Datasheet
251Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86 TI-SN74AHC1G86 Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86-EP TI1-SN74AHC1G86-EP Datasheet
210Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86-EP TI1-SN74AHC1G86-EP Datasheet
742Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86-EP TI1-SN74AHC1G86-EP_16 Datasheet
742Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74AHC1G86QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com