Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD040RGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040RGZT
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040RGZT Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD040RGZT Datasheet HTML 1Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 2Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 3Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 4Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 5Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 6Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 7Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 8Page - Texas Instruments SN65MLVD040RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
3
4
5
6
7
8
9
10
11
12
2
25
26
27
28
29
30
31
32
33
34
35
36
1DE
VCC
2A
2B
2DE
GND
GND
3DE
3A
3B
VCC
4DE
1R
1D
GND
2R
2D
GND
PDN
3R
3D
GND
4R
4D
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
PIN ASSIGNMENTS
RGZ PACKAGE
(TOP VIEW)
Table 1. Device Function Tables
RECEIVER
DRIVER
RECEIVER
INPUTS(1)
OUTPUT(1)
INPUTS(1)
OUTPUTS(1)
TYPE
VID = VA – VB
PDN
FSEN
RE
R
D
DE
A
B
VID > 35 mV
H
L
L
Type 1
H
L
H
L
H
–35 mV
≤ VID ≤ 35 mV
H
L
L
Type 1
?
H
H
H
L
VID < 35 mV
H
L
L
Type 1
L
OPEN
H
L
H
X
OPEN
Z
Z
VID > 135 mV
H
H
L
Type 2
H
X
L
Z
Z
65 mV
≤ VID ≤ 135 mV
H
H
L
Type 2
?
VID < 65 mV
H
H
L
Type 2
L
Open Circuit
H
L
L
Type 1
?
Open Circuit
H
H
L
Type 2
L
X
H
X
H
X
Z
X
H
X
OPEN
X
Z
X
L
X
X
X
Z
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
ORDERING INFORMATION
PART NUMBER
RECEIVER TYPE
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD040RGZR
Type 1, 2
MLVD040
48-Pin QFN/ Tape and Reeled
SN65MLVD040RGZT
Type 1, 2
MLVD040
48-Pin QFN/Small Tape and Reeled
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN65MLVD040


Similar Part No. - SN65MLVD040RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047AD TI1-SN65MLVD047AD Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADG4 TI1-SN65MLVD047ADG4 Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD040RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com