Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS84ADGGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS84ADGGR
Description  FLATLINK田?TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS84ADGGR Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVDS84ADGGR Datasheet HTML 1Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 2Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 3Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 4Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 5Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 6Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 7Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 8Page - Texas Instruments SN75LVDS84ADGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN75LVDS84A, SN65LVDS84AQ
FLATLINK
 TRANSMITTER
SLLS354E – MAY 1999 – REVISED JANUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td0
Delay time, CLKOUT
↑ to serial bit
position 0
– 0.2
0.2
td1
Delay time, CLKOUT
↑ to serial bit
position 1
1
7
tc * 0.2
1
7
tc ) 0.2
td2
Delay time, CLKOUT
↑ to serial bit
position 2
2
7
tc * 0.2
2
7
tc ) 0.2
td3
Delay time, CLKOUT
↑ to serial bit
position 3
tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps‡, See Figure 6
3
7
tc * 0.2
3
7
tc ) 0.2
ns
td4
Delay time, CLKOUT
↑ to serial bit
position 4
4
7
tc * 0.2
4
7
tc ) 0.2
td5
Delay time, CLKOUT
↑ to serial bit
position 5
5
7
tc * 0.2
5
7
tc ) 0.2
td6
Delay time, CLKOUT
↑ to serial bit
position 6
6
7
tc * 0.2
6
7
tc ) 0.2
tsk(o)
Output skew, tn *
n
7
tc
– 0.2
0.2
ns
td7
Delay time CLKIN
↓ to CLKOUT↑
tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps‡, See Figure 6
2.7
ns
td7
Delay time, CLKIN
↓ to CLKOUT↑
tc = 13.33 ns ~ 32.25 ns (± 0.2%),
|Input clock jitter| < 50 ps‡, See Figure 6
1
4.5
ns
∆t () C cle time o tp t clock jitter§
tc = 15.38 + 0.308 sin (2π500E3t) ± 0.05 ns,
See Figure 7
±62
ps
∆tc(o) Cycle time, output clock jitter§
tc = 15.38 + 0.308 sin (2π3E6t) ± 0.05 ns,
See Figure 7
±121
ps
tw
Pulse duration, high-level output clock
4
7
tc
ns
tt
Transition time, differential output voltage
(tr or tf)
See Figure 3
700
1500
ps
ten
Enable time, SHTDN
↑ to phase lock (Yn
valid)
See Figure 8
1
ms
tdis
Disable time, SHTDN
↓ to off state
(CLKOUT low)
See Figure 9
6.5
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ |Input clock jitter| is the magnitude of the change in the input clock period.
§ Output clock jitter is the change in the output clock period from one cycle to the next cycle observed over 15 000 cycles.


Similar Part No. - SN75LVDS84ADGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS84ADGGR TI-SN75LVDS84ADGGR Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS84ADGGRG4 TI-SN75LVDS84ADGGRG4 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
More results

Similar Description - SN75LVDS84ADGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com