Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2054D4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2054D4
Description  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2054D4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2054D4 Datasheet HTML 1Page - Texas Instruments TPA2054D4 Datasheet HTML 2Page - Texas Instruments TPA2054D4 Datasheet HTML 3Page - Texas Instruments TPA2054D4 Datasheet HTML 4Page - Texas Instruments TPA2054D4 Datasheet HTML 5Page - Texas Instruments TPA2054D4 Datasheet HTML 6Page - Texas Instruments TPA2054D4 Datasheet HTML 7Page - Texas Instruments TPA2054D4 Datasheet HTML 8Page - Texas Instruments TPA2054D4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TPA2054D4
SLOS607 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
INPUT/ OUTPUT/
DESCRIPTION
BALL
POWER (I/O/P)
NAME
WCSP
OUTL+
A5
O
Left speaker positive output; connect to + terminal of loudspeaker
DVDD
A4
P
I2C supply voltage; connect to 1.8V digital supply
Channel 1 right input (SE-In mode); Left– input (Diff-In mode); connect to ground through 0.47
µF
INR_1
A3
I
capacitor if unused
Channel 1 left input (SE-In mode); Left+ input (Diff-In mode); connect to ground through 0.47
µF
INL_1
A2
I
capacitor if unused
VREF
A1
I
1.65 V reference voltage; connect a 1
µF capacitor to ground
OUTL–
B5
O
Left speaker negative output; connect to negative terminal of loudspeaker
Set to logic low to shut device down and return all I2C registers to default state; I2C can only be
RESET
B4
I
programmed once RESET returns to logic high
Channel 2 left input (SE-In mode); Right+ input (Diff-In mode); connect to ground through 0.47
µF
INL_2
B3
I
capacitor if unused
Channel 2 right input (SE-In mode); Right– input (Diff-In mode); connect to ground through 0.47
µF
INR_2
B2
I
capacitor if unused
CPP
B1
P
Charge pump flying capacitor positive terminal; connect positive side of capacitor between CPP and CPN
PGND
C5
P
Class-D ground; connect to ground
AGND
C4
P
Analog ground; connect to ground
SCL
C3
I/O
I2C clock input
SDA
C2
I/O
I2C data input
Charge pump flying capacitor negative terminal; connect negative side of capacitor between CPP and
CPN
C1
P
CPN
OUTR–
D5
O
Right speaker negative output; connect to negative terminal of loudspeaker
AVDD
D4
P
Supply voltage
MONO-
D2
I
Inverting mono input, typically connected to baseband OUT-
MONO+
D3
I
Non-inverting mono input, typically connected to baseband OUT+
Negative supply generated by the charge pump; connect a 1
µF capacitor to ground to reduce voltage
HPVSS
D1
P
ripple
OUTR+
E5
O
Right speaker positive output; connect to positive terminal of loudspeaker
PVDD
E4
P
Supply voltage
HPLEFT
E3
O
Headphone left channel output
VDDHP
E2
P
Headphone charge pump supply voltage
HPRIGHT
E1
O
Headphone right channel output
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
VALUE
UNIT
Supply voltage,
VDDHP, PVDD, AVDD
–0.3 to 6.0
V
DVDD
–0.3 to 3.6
V
VI
Input voltage
INL_1, INL_2, INR_1, INR_2, MONO+, MONO-
–0.3 to VDD + 0.3
V
SDA, SCL, RESET
–0.3 to DVDD + 0.3
V
Output continuous total power dissipation
See Dissipation Rating
Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
ESD
Electrostatic discharge,
OUTL+, OUTL–, OUTR+, OUTR–
2 k
V
HBM
HPLEFT and HPRIGHT
8 k
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPA2054D4


Similar Part No. - TPA2054D4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKR TI1-TPA2054D4AYZKR Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKT TI1-TPA2054D4AYZKT Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

Similar Description - TPA2054D4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com