Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVP18DRFR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LVP18DRFR
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVP18DRFR Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVP18DRFR Datasheet HTML 1Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 2Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 3Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 4Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 5Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 6Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 7Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 8Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
_
+
A
B
EN
Q
VBB
Z
Y
D.U.T.
GND
VCC
2
3
5
1
4
6
7
8
9
ICC
VCC
II
IIB
IIA
IOY
IOZ
IBB
50 W
50 W
S1
_
+
VCC − 2 V
CL
+
VOC
+
VO
+
VBB
+
VOZ
+
VOY
VI
_
+
VIB
_
+
VIA
dVOC(SS)
INPUT
VOC
VOC(PP)
VIA
VIB
VOY − VOZ
tPHL
t PLH
tf
tr
1.125 V
1.5 V
1.2 V
VCC
50%
80%
100%
20%
SN65LVDS18, SN65LVP18
SN65LVDS19, SN65LVP19
SLLS624B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
(1)
CL is the instrumentation and test fixture capacitance.
(2)
S1 is open for the SN65LVDS19 and closed for the SN65LVP19.
Figure 2. Output Voltage Test Circuit and Voltage and Current Definitions for LVDS/LVP19
Figure 3. VOC Definitions
Figure 4. Propagation Delay and Transition Time Test Waveforms
5


Similar Part No. - SN65LVP18DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVP18DRFR TI1-SN65LVP18DRFR Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVP18DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16_07 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com