Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI1510RZVF Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI1510RZVF
Description  PC Card Controllers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI1510RZVF Datasheet(HTML) 1 Page - Texas Instruments

  PCI1510RZVF Datasheet HTML 1Page - Texas Instruments PCI1510RZVF Datasheet HTML 2Page - Texas Instruments PCI1510RZVF Datasheet HTML 3Page - Texas Instruments PCI1510RZVF Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
DESCRIPTION
PCI1510R GVF/ZVF
SLLA230 – JUNE 2006
PC Card Controllers
Serial EEPROM Interface for Loading
Subsystem ID, Subsystem Vendor ID, and
A 253-Terminal MicroStar BGA Ball-Grid
other Configuration Registers
Array (GVF/ZVF) Package
Pipelined Architecture for Greater Than
2.5-V Core Logic and 3.3-V I/O with Universal
130-Mbps Throughput from CardBus-to-PCI
PCI Interfaces Compatible with 3.3-V and 5-V
and from PCI-to-CardBus
PCI Signaling Environments
Up to Five General-Purpose I/Os
Integrated Low-Dropout Voltage Regulator
(LDO-VR) Eliminates the Need for an External
Programmable Output Select for CLKRUN
2.5-V Power Supply
Five PCI Memory Windows and Two I/O
Mix-and-Match 5-V/3.3-V 16-Bit PC Cards and
Windows Available for the 16-Bit Interface
3.3-V CardBus Cards
Two I/O Windows and Two Memory Windows
A Single PC Card or CardBus Slot with Hot
Available to the CardBus Socket
Insertion and Removal
Exchangeable-Card-Architecture- (ExCA-)
Parallel Interface to TI TPS2211A Single-Slot
Compatible Registers Are Mapped in Memory
PC Card Power Switch
and I/O Space
Burst Transfers to Maximize Data Throughput
Intel™ 82365SL-DF and 82365SL Register
with CardBus Cards
Compatible
Interrupt Configurations: Parallel PCI,
Ring Indicate, SUSPEND, PCI CLKRUN, and
Serialized PCI, Parallel ISA, and Serialized
CardBus CCLKRUN
ISA
Socket Activity LED Terminal
PCI Bus Lock (LOCK)
Internal Ring Oscillator
The Texas Instruments PCI1510R device, a 144-terminal, 209-terminal, or 253-terminal single-slot CardBus
controller designed to meet the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges,
is an ultralow-power high-performance PCI-to-CardBus controller that supports a single PC card socket
compliant with the PC Card Standard (rev. 7.2). The controller provides features that make it the best choice for
bridging between PCI and PC Cards in both notebook and desktop computers. The PC Card Standard retains
the 16-bit PC Card specification defined in the PCI Local Bus Specification and defines the 32-bit PC Card,
CardBus, capable of full 32-bit data transfers at 33 MHz. The controller supports both 16-bit and CardBus PC
Cards, powered at 5 V or 3.3 V, as required.
The controller is compliant with the PCI Local Bus Specification, and its PCI interface can act as either a PCI
master device or a PCI slave device. The PCI bus mastering is initiated during CardBus PC Card bridging
transactions. The controller is also compliant with PCI Bus Power Management Interface Specification (rev. 1.1).
All card signals are internally buffered to allow hot insertion and removal without external buffering. The
controller is register-compatible with the Intel 82365SL-DF and 82365SL ExCA controllers. The controller
internal data path logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for
maximum performance. Independent buffering and a pipeline architecture provide an unsurpassed performance
level with sustained bursting. The controller can also be programmed to accept fast posted writes to improve
system-bus utilization.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Intel is a trademark of Intel Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCI1510RZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1510GGU TI-PCI1510GGU Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1510GVF TI-PCI1510GVF Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1510PGE TI-PCI1510PGE Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1510PGEG4 TI-PCI1510PGEG4 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
More results

Similar Description - PCI1510RZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1450 TI-PCI1450 Datasheet
1Mb / 132P
[Old version datasheet]   PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
[Old version datasheet]   PC Card Controllers
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
[Old version datasheet]   PC Card Controllers
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com