Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320P17NL Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320P17NL
Description  DIGITAL SIGNAL PROCESSORS
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320P17NL Datasheet(HTML) 2 Page - Texas Instruments

  TMS320P17NL Datasheet HTML 1Page - Texas Instruments TMS320P17NL Datasheet HTML 2Page - Texas Instruments TMS320P17NL Datasheet HTML 3Page - Texas Instruments TMS320P17NL Datasheet HTML 4Page - Texas Instruments TMS320P17NL Datasheet HTML 5Page - Texas Instruments TMS320P17NL Datasheet HTML 6Page - Texas Instruments TMS320P17NL Datasheet HTML 7Page - Texas Instruments TMS320P17NL Datasheet HTML 8Page - Texas Instruments TMS320P17NL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 149 page
background image
DEVICE
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2
Table 1 provides an overview of
′C1x processors with comparisons of memory, I/O, cycle timing, military support,
and package types. For specific availability, contact the nearest TI Field Sales Office.
Table 1. TMS320C1x Device Overview
MEMORY
I/O
CYCLE
PACKAGE (1)
RAM
ROM
EPROM
PROG.
SERIAL
PARALLEL
(ns)
DIP
PLCC
CER-QUAD
TMS320C10 (2)
144
1.5K
4K
8
× 16
200
40
44
TMS320C10-14
144
1.5K
4K
8
× 16
280
40
44
TMS320C10-25
144
1.5K
4K
8
× 16
160
40
44
TMS320C14 (3)
256
4K
4K
1
7
× 16 (4)
160
68
TMS320E14 (3)
256
4K
4K
1
7
× 16 (4)
160
68 CER
TMS320P14†
256
4K
4K
1
7
× 16 (4)
160
68
TMS320C15 (3)
256
4K
4K
8
× 16
200
40
44
TMS320C15-25
256
4K
4K
8
× 16
160
40
44
TMS320E15 (3)
256
4K
4K
8
× 16
200
40
44 CER
TMS320E15-25
256
4K
4K
8
× 16
160
40
44 CER
TMS320LC15
256
4K
4K
8
× 16
250
40
44
TMS320P15†
256
4K
4K
8
× 16
200
40
44
TMS320C16
256
8K
64K
8
× 16
114
64 QFP
TMS320C17
256
4K
2
6
× 16 (5)
200
40
44
TMS320E17 (5)
256
4K
2
6
× 16 (5)
200
40
44 CER
TMS320LC17 (5)
256
4K
2
6
× 16 (5)
278
40
44
TMS320P17 (5)†
256
4K
2
6
× 16 (5)
200
40
44
† One-time programmable (OTP) device is in a windowless plastic package and cannot be erased.
NOTES: 1. DIP = dual in-line package. PLCC = plastic-leaded chip carrier. CER = ceramic-leaded chip carrier. QFP = plastic quad flat pack.
2. Military version available.
3. Military versions planned; contact nearest TI Field Sales Office for availability.
4. On-chip 16-bit I/O, four capture inputs, and six compare outputs are available.
5. On-chip 16-bit coprocessor interface is optional by pin selection.


Similar Part No. - TMS320P17NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320P17NL TI-TMS320P17NL Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320P17NL TI1-TMS320P17NL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320P17NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com