Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS885PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS885PWP
Description  34 V, Digital-Input Serializer for 5V Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS885PWP Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVS885PWP Datasheet HTML 1Page - Texas Instruments SN65HVS885PWP Datasheet HTML 2Page - Texas Instruments SN65HVS885PWP Datasheet HTML 3Page - Texas Instruments SN65HVS885PWP Datasheet HTML 4Page - Texas Instruments SN65HVS885PWP Datasheet HTML 5Page - Texas Instruments SN65HVS885PWP Datasheet HTML 6Page - Texas Instruments SN65HVS885PWP Datasheet HTML 7Page - Texas Instruments SN65HVS885PWP Datasheet HTML 8Page - Texas Instruments SN65HVS885PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Typical Size
6.4 mm
9.7 mm
X
1
FEATURES
APPLICATIONS
DESCRIPTION
SN65HVS885
www.ti.com ............................................................................................................................................................................................... SLAS638 – JANUARY 2009
34 V, Digital-Input Serializer for 5V Systems
2
• Eight Digital Sensor Inputs
• SPI-Compatible Interface
High Input Voltage up to 34 V
• Over-Temperature Indicator
Selectable Debounce Filters From 0 ms to
3 ms
• Industrial PCs
Flexible Input Current-Limited – 0.2 mA to
• Digital I/O Cards
5.2 mA
• High Channel Count Digital Input Modules
Field Inputs Protected to 15-kV ESD
• Decentralized I/O Modules
• Single 5V Supply
• Output Drivers for External Status LEDs
• Cascadable for More Inputs in Multiples of
Eight
The SN65HVS885 is an eight channel, digital-input serializer for high-channel density digital input modules in
industrial and building automation. Operating from a 5V supply the device accepts field input voltages of up to
34V. In combination with galvanic isolators the device completes the interface between the high voltage signals
on the field-side and the low-voltage signals on the controller side. Inputs signals are current limited and then
validated by internal debounce filters.
With the addition of few external components, the input switching characteristic can be configured in accordance
with IEC61131-2 for Type 1, 2 and 3 sensor switches.
Upon the application of load and clock signals, input data is latched in parallel into the shift register and
afterwards clocked out serially.
Cascading of multiple devices is possible by connecting the serial output of the leading device with the serial
input of the following device, enabling the design of high-channel count input modules. Multiple devices can be
cascaded through a single serial port, reducing both the isolation channels and controller inputs required.
Input status can be visually indicated via constant current LED outputs. The current limit on the inputs is set by a
single, external, precision resistor. An on-chip temperature sensor provides diagnostic information for graceful
shutdown and system safety.
The SN65HVS885 is available in a 28-pin PWP PowerPAD™ package, allowing for efficient heat dissipation. The
device is specified for operation at temperatures from –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVS885PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS885PWP TI1-SN65HVS885PWP Datasheet
1Mb / 28P
[Old version datasheet]   34-V Digital-Input Serializer
SN65HVS885PWPR TI1-SN65HVS885PWPR Datasheet
1Mb / 28P
[Old version datasheet]   34-V Digital-Input Serializer
More results

Similar Description - SN65HVS885PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS885 TI1-SN65HVS885_15 Datasheet
1Mb / 28P
[Old version datasheet]   34-V Digital-Input Serializer
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com