Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVDA5405QDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HVDA5405QDRQ1
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HVDA5405QDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button HVDA5405QDRQ1 Datasheet HTML 4Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 5Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 6Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 7Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 8Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 9Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 10Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 11Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1
SN65HVDA540-5-Q1, SN65HVDA541-5-Q1, SN65HVDA542-5-Q1
SLLS804B – MARCH 2009 – REVISED SEPTEMBER 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
1.1 VCC
Supply voltage range
–0.3 V to 6 V
1.2 VIO
I/O supply voltage range
–0.3 V to 6 V
Voltage range at bus terminals (CANH,
1.3
–27 V to 40 V
CANL)
1.4 IO
Receiver output current (RXD)
20 mA
SN65HVDA54x
–0.3 V to 6 V and VI ≤ VIO + 0.3 V
1.5 VI
Voltage input range (TXD, STB, S)
SN65HVDA54x-5
–0.3 V to 6 V
Operating virtual-junction temperature
1.6 TJ
–40°C to 150°C
range
Lead temperature (soldering, 10
1.7 TLEAD
260°C
seconds)
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
ELECTROSTATIC DISCHARGE AND TRANSIENT PROTECTION
(1)
PARAMETER
TEST CONDITIONS
VALUE
2.1
CANH and CANL(3)
±12 kV
Human-Body Model(2)
2.2
All pins
±4 kV
2.3
Charged-Device Model(4)
All pins
±1 kV
Electrostatic Discharge
2.4
Machine Model(5)
±200 V
IEC 61000-4-2 according to IBEE CAN
±7 kV
2.5
CANH and CANL pins to GND
EMC Test Specification(6)
2.6
Pulse 1
-100 V
2.7
Pulse 2a
+75 V
ISO7637 transients according to IBEE
ISO 7637 Transients
CAN EMC Test Specification(7)
2.8
Pulse 3a
-150 V
2.9
Pulse 3b
+100 V
(1)
Stresses beyond those listed under "electrostatic discharge and transient protection" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
(2)
HBM Tested in accordance with AEC-Q100-002.
(3)
HBM test method based on AEC-Q100-002, CANH and CANL bus pins stressed with respect to each other and GND.
(4)
CDM Tested in accordance with AEC-Q100-011.
(5)
MM Tested in accordance with AEC-Q100-003.
(6)
IEC 61000-4-2 is a system level ESD test. Results given here are specific to the IBEE CAN EMC Test specification conditions. Different
system level configurations will lead to different results.
(7)
ISO 7637 is a system level transient test. Results given here are specific to the IBEE CAN EMC Test specification conditions. Different
system level configurations will lead to different results.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
3.1
VCC
Supply voltage
4.68
5.33
V
3.2
VIO
I/O supply voltage
3
5.33
V
3.3
VI or VIC
Voltage at any bus terminal (separately or common mode)
–12
12
V
3.4
VIH
High-level input voltage
TXD, STB, S(for SN65HVD54x-5: VIO = VCC)
0.7 × VIO
VIO
V
3.5
VIL
Low-level input voltage
TXD, STB, S (for SN65HVD54x-5: VIO = VCC)
0
0.3 × VIO
V
3.6
VID
Differential input voltage, bus
Between CANH and CANL
–6
6
V
3.7
IOH
High-level output current
RXD
–2
mA
3.8
IOL
Low-level output current
RXD
2
mA
Operating ambient free-air
3.9
TA
See Thermal Characteristics table
-40
125
°C
temperature
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVDA540-Q1 SN65HVDA541-Q1 SN65HVDA540-5-Q1 SN65HVDA541-5-Q1
SN65HVDA542-5-Q1


Similar Part No. - HVDA5405QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA5405QDRQ1 TI1-HVDA5405QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - HVDA5405QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com