Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC180RSATG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180RSATG4
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180RSATG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LBC180RSATG4 Datasheet HTML 5Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 6Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 7Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 8Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 9Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 10Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 11Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 12Page - Texas Instruments SN65LBC180RSATG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TYPICAL CHARACTERISTICS
SCHEMATICS OF INPUTS AND OUTPUTS
RECEIVERAINPUT
EQUIVALENTOFD,DE,ANDRE INPUTS
RECEIVERBINPUT
DRIVEROUTPUT
TYPICALOFRECEIVEROUTPUT
Output
VCC
VCC
100kΩ
NOM
3kΩ
NOM
Input
18kΩ
NOM
1.1kΩ
NOM
1.1kΩ
NOM
3kΩ
NOM
18kΩ
NOM
100kΩ
NOM
Input
VCC
Input
VCC
22kΩ
VCC
ROutput
12kΩ
12kΩ
SN55LBC180
SN65LBC180
SN75LBC180
www.ti.com................................................................................................................................................... SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009
Copyright © 1994–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN65LBC180RSATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
SN65LBC180A TI-SN65LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180RSATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com