Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD30MDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD30MDREP
Description  3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD30MDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD30MDREP Datasheet HTML 2Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 3Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 4Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 5Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 6Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 7Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 8Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 9Page - Texas Instruments SN65HVD30MDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367D – SEPTEMBER 2006 – REVISED MARCH 2012
www.ti.com
Driver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
'HVD30, 'HVD33
4
10
23
Propagation delay time,
tPLH
'HVD31, 'HVD34
25
38
65
ns
low- to high-level output
'HVD32, 'HVD35
120
175
305
'HVD30, 'HVD33
4
9
23
Propagation delay time,
tPHL
'HVD31, 'HVD34
25
38
65
ns
high- to low-level output
'HVD32, 'HVD35
120
175
305
'HVD30, 'HVD33
2.5
5
18
Differential output signal
RL = 54 Ω, CL = 50 pF,
tr
'HVD31, 'HVD34
20
37
60
ns
rise time
See Figure 5
'HVD32, 'HVD35
120
185
300
'HVD30, 'HVD33
2.5
5
18
Differential output signal
tf
'HVD31, 'HVD34
20
35
60
ns
fall time
'HVD32, 'HVD35
120
180
300
'HVD30, 'HVD33
0.6
tsk(p)
Pulse skew (|tPHL – tPLH|)
'HVD31, 'HVD34
2.0
ns
'HVD32, 'HVD35
5.1
'HVD33
45
Propagation delay time, high-
tPZH1
'HVD34
235
ns
impedance to high-level output
RL = 110 Ω, RE at 0 V,
'HVD35
490
D = 3 V and S1 = Y, or
D = 0 V and S1 = Z,
'HVD33
25
See Figure 6
Propagation delay time, high-
tPHZ
'HVD34
65
ns
level to high-impedance output
'HVD35
165
'HVD33
35
Propagation delay time, high-
tPZL1
'HVD34
190
ns
impedance to low-level output
RL = 110 Ω, RE at 0 V,
'HVD35
490
D = 3 V and S1 = Z, or
D = 0 V and S1 = Y,
'HVD33
30
See Figure 7
Propagation delay time, low-
tPLZ
'HVD34
120
ns
level to high-impedance output
'HVD35
290
'HVD30
RL = 110 Ω, RE at 3 V,
4000
Propagation delay time, standby
D = 3 V and S1 = Y, or
tPZH2
ns
to high-level output
D = 0 V and S1 = Z,
'HVD33
5000
See Figure 6
'HVD30
RL = 110 Ω, RE at 3 V,
4000
Propagation delay time, standby
D = 3 V and S1 = Z, or
tPZL2
ns
to low-level output
D = 0 V and S1 = Y,
'HVD33
5000
See Figure 7
(1)
All typical values at 25°C with 3.3-V supply
6
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - SN65HVD30MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30MDREP TI1-SN65HVD30MDREP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30MDREPG4 TI1-SN65HVD30MDREPG4 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD30MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com