Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11SHKQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SHKQ
Description  3.3-V RS-485 TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SHKQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD11SHKQ Datasheet HTML 2Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 3Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 4Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 5Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 6Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 7Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 8Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 9Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN65HVD11-HT
SLLS934E – NOVEMBER 2008 – REVISED JUNE 2012
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input clamp
VIK
II = –18 mA
–1.5
–1.5
–1.5
V
voltage
IO = 0
2
VCC
2
VCC
2
VCC
Differential
RL = 54 Ω, See Figure 2
1.0
1
1
|VOD|
V
output voltage
Vtest = –7 V to 12 V,
1.0
1
1
See Figure 3
Change in
magnitude of
Vtest = –7 V to 12 V,
Δ|VOD|
-0.2
0.2
-0.25
0.25
-0.25
0.25
V
differential
See Figure 2 and Figure 3
output voltage
Peak-to-peak
VOC(PP)
common-mode
See Figure 4
400
400
400
mV
output voltage
Steady-state
VOC(SS)
common-mode
See Figure 4
1.4
2.5
1.4
2.5
1.4
2.5
V
output voltage
Change in
steady-state
ΔVOC(SS)
See Figure 4
–0.06
0.06
–0.06
0.06
–0.06
0.06
V
common-mode
output voltage
High-impedance
IOZ
See receiver input currents
output current
D
–100
0
–100
3
–100
3
Input
II
μA
current
DE
0
100
0
100
0
100
Short-circuit
IOS
–7 V
≤ VO ≤ 12 V
–250
250
–250
250
–250
250
mA
output current
Differential
VOD = 0.4 sin (4E6πt) + 0.5 V,
C(OD)
output
18
18
18
pF
DE = 0 V
capacitance
RE = VCC,
Receiver
D and
disabled and
11
15.5
11.5
17.5
14
18
mA
DE = VCC,
driver enabled
No load
RE = VCC,
Receiver
D = VCC,
disabled and
ICC
Supply current
2.5
20
20
150
175
450
μA
DE = 0 V,
driver disabled
No load
(standby)
RE = 0 V,
Receiver
D and
enabled and
11
15.5
11
17.5
11
18
mA
DE = VCC,
driver enabled
No load
(1)
Minimum and maximum parameters are characterized for operation at TA = 175°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
6
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD11-HT


Similar Part No. - SN65HVD11SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SHKQ TI1-SN65HVD11SHKQ Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
More results

Similar Description - SN65HVD11SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com