Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11SHKJ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SHKJ
Description  3.3-V RS-485 TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SHKJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD11SHKJ Datasheet HTML 4Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 5Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 6Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 7Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 8Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 9Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 10Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 11Page - Texas Instruments SN65HVD11SHKJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN65HVD11-HT
SLLS934E – NOVEMBER 2008 – REVISED JUNE 2012
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TA = 210°C
(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Positive-going
VIT+
input threshold
IO = –8 mA
–0.01
–0.01
–0.01
V
voltage
Negative-going
VIT–
input threshold
IO = 8 mA
–0.2
–0.2
–0.2
V
voltage
Hysteresis
Vhys
voltage
35
41
41
mV
(VIT+ –VIT–)
Enable-input
VIK
II = –18 mA
–1.5
–1.5
–1.5
V
clamp voltage
High-level
VID = 200 mV, IOH = –8 mA,
VOH
2.4
2.4
2.4
V
output voltage
See Figure 8
Low-level
VID = –200 mV, IOL = 8 mA,
VOL
0.4
0.4
0.4
V
output voltage
See Figure 8
High-
impedance
IOZ
VO = 0 or VCC, RE = VCC
–1
1
–1
1
–1
1
μA
state output
current
VA or VB = 12 V
0.075
0.11
0.1
0.15
0.1
0.15
Other
VA or VB = 12 V, VCC = 0 V
0.085
0.13
0.12
0.16
0.12
0.16
Bus input
II
input
mA
current
VA or VB = –7 V
–0.1
–0.05
–0.3
–0.15
–0.3
–0.15
at 0 V
VA or VB = –7 V, VCC = 0 V
–0.1
–0.05
–0.3
–0.15
–0.3
–0.15
High-level input
IIH
VIH = 2 V
–30
0
–30
3
–30
3
μA
current, RE
Low-level input
IIL
VIL = 0.8 V
–30
0
–30
0
–30
0
μA
current, RE
Differential
VID = 0.4 sin (4E6πt) + 0.5 V,
CID
input
15
18
18
pF
DE at 0 V
capacitance
RE = 0 V,
Receiver enabled
D and DE = 0 V,
and driver
5
8
7.5
8.5
7.5
10
mA
No load
disabled
RE = VCC,
Receiver disabled
D = VCC,
ICC
Supply current
and driver
2.5
20
12.5
200
175
450
μA
DE = 0 V,
disabled (standby)
No load
RE = 0 V,
Receiver enabled
D and DE = VCC,
11
15.5
11.5
17.5
14
18
mA
and driver enabled
No load
(1)
Minimum and maximum parameters are characterized for operation at TA = 175°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
8
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD11-HT


Similar Part No. - SN65HVD11SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SHKJ TI1-SN65HVD11SHKJ Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
More results

Similar Description - SN65HVD11SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com