Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC180RSA Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LBC180RSA
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180RSA Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC180RSA Datasheet HTML 7Page - Texas Instruments SN75LBC180RSA Datasheet HTML 8Page - Texas Instruments SN75LBC180RSA Datasheet HTML 9Page - Texas Instruments SN75LBC180RSA Datasheet HTML 10Page - Texas Instruments SN75LBC180RSA Datasheet HTML 11Page - Texas Instruments SN75LBC180RSA Datasheet HTML 12Page - Texas Instruments SN75LBC180RSA Datasheet HTML 13Page - Texas Instruments SN75LBC180RSA Datasheet HTML 14Page - Texas Instruments SN75LBC180RSA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
6
8
10
12
14
16
18
20
-60
-40
-20
0
20
40
60
80
100
120
T - AmbientTemperature-°C
A
VCC − Supply Voltage − V
60
40
20
0
−20
−40
−60
6
5
4
3
2
1
−80
80
0
RL = 54 Ω
IOL
IOH
0.3
0.2
0.1
0
0
5
10
0.4
0.5
0.6
15
20
25
30
IOL − Low-Level Output Current − mA
VCC = 5 V
TA = 25°C
VID = − 200 mV
0.7
0.8
0.9
1
35
40
2
1
0
0
−10
− 20
− 30
3
4
5
− 40
− 50
IOH − High-Level Output Current − mA
6
VID = 200 mV
SN55LBC180
SN65LBC180
SN75LBC180
www.ti.com................................................................................................................................................... SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009
DRIVER
DRIVER
DIFFERENTIAL DELAY TIMES
OUTPUT CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 12.
Figure 13.
RECEIVER
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 14.
Figure 15.
Copyright © 1994–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN75LBC180RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180 TI-SN75LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI1-SN75LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180AD TI-SN75LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180AD TI1-SN75LBC180AD Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180RSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com