Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP795W12 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MCP795W12
Description  SPI Real-Time Clock Calendar
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W12 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MCP795W12 Datasheet HTML 7Page - Micro Analog systems MCP795W12 Datasheet HTML 8Page - Micro Analog systems MCP795W12 Datasheet HTML 9Page - Micro Analog systems MCP795W12 Datasheet HTML 10Page - Micro Analog systems MCP795W12 Datasheet HTML 11Page - Micro Analog systems MCP795W12 Datasheet HTML 12Page - Micro Analog systems MCP795W12 Datasheet HTML 13Page - Micro Analog systems MCP795W12 Datasheet HTML 14Page - Micro Analog systems MCP795W12 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 11
MCP795WXX/MCP795BXX
4.0
RTCC FUNCTIONALITY
4.0.1
RTCC REGISTER MAP
The RTCC register space runs from 0x00 through to
0x1F. Any read or write that is started within the RTCC
register address space will wrap to the beginning of
the RTCC registers.
All of the RTCC registers are backed up from the VBAT
supply when VCC is not available, provided that the
VBATEN bit is set. Any unused bits or non imple-
mented addresses read back as ‘0’. No error checking
is provided for any of the RTCC, the user may load
any value.
The RTCC register map is shown in Table 4-1.
TABLE 4-1:
RTCC REGISTER MAP
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
Time and Configuration Registers
00h
Tenth Seconds
Hundredths of Seconds
Hundredths of
seconds
00-99
01h
ST (CT)
10 Seconds
Seconds
Seconds
00-59
02h
10 Minutes
Minutes
Minutes
00-59
03h
CALSGN
12/24
10 Hour
AM/PM
10 Hour
Hour
Hours
1-12 + AM/PM
00 - 23
04h
OSCON
VBAT
VBATEN
Day
Day
1-7
05h
10 Date
Date
Date
01-31
06h
LP
10 Month
Month
Month
01-12
07h
10 Year
Year
Year
00-99
08h
OUT
SQWE
ALM1
ALM0
EXTOSC
RS2
RS1
RS0
Control Reg.
09h
CALIBRATION
Calibration
0Ah
WDTEN
WDTIF
WDDEL
WDTPLS
WD3
WD2
WD1
WD0
Watchdog
0Bh
EVHIF
EVLIF
EVEN1
EVEN0
EVWDT
EVLDB
EVHS1
EVHS0
Event Detect
Alarm 0 Registers
0Ch
10 Seconds
Seconds
Seconds
00-59
0Dh
10 Minutes
Minutes
Minutes
00-59
0Eh
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
0Fh
ALM0PIN
ALM0C2
ALM0C1
ALM0C0
ALM0IF
Day
Day
1-7
10h
10 Date
Date
Date
01-31
11h
10 Month
Month
Month
01-12
Alarm 1 Registers
12h
Tenth Seconds
Hundredths of seconds
Hundredths
of Seconds
00-99
13h
10 Seconds
Seconds
Seconds
00-59
14h
10 Minutes
Minutes
Minutes
00-59
15h
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
16h
ALM1PIN
ALM1C2
ALM1C1
ALM1C0
ALM1IF
Day
Day
1-7
17h
10 Date
Date
Date
01-31
Power-down Time-stamp Registers
18h
10 Minutes
Minutes
19h
12/24
10 Hour
AM/PM
10 Hours
Hour
1Ah
10 Date
Date
1Bh
Day
10 Month
Month
Power-Up Time-stamp Registers
1Ch
10 Minutes
Minutes
1Dh
12/24
10 Hour
AM/PM
10 Hours
Hour
1Eh
10 Date
Date
1Fh
Day
10 Month
Month


Similar Part No. - MCP795W12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP795W12 MICROCHIP-MCP795W12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
More results

Similar Description - MCP795W12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com