Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP795W20 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MCP795W20
Description  SPI Real-Time Clock Calendar
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W20 Datasheet(HTML) 2 Page - Micro Analog systems

  MCP795W20 Datasheet HTML 1Page - Micro Analog systems MCP795W20 Datasheet HTML 2Page - Micro Analog systems MCP795W20 Datasheet HTML 3Page - Micro Analog systems MCP795W20 Datasheet HTML 4Page - Micro Analog systems MCP795W20 Datasheet HTML 5Page - Micro Analog systems MCP795W20 Datasheet HTML 6Page - Micro Analog systems MCP795W20 Datasheet HTML 7Page - Micro Analog systems MCP795W20 Datasheet HTML 8Page - Micro Analog systems MCP795W20 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MCP795WXX/MCP795BXX
DS22280A-page 2
Preliminary
 2011 Microchip Technology Inc.
Description:
The MCP795XXX is a low-power Real-Time Clock/
Calendar (RTCC) that uses digital trimming compen-
sation for an accurate clock/calendar, an interrupt out-
put to support alarms and events, a power sense
circuit that automatically switches to the backup sup-
ply, non-volatile memory for safe data storage and
several enhanced features that support system
requirements.
Along with a low-cost 32,768 kHz crystal, this RTCC
tracks time using several internal registers and then
communicates the data over a 10 MHz SPI bus that is
fast enough to support a programmable millisecond
alarm.
The device is fully accessible through the serial inter-
face, while VCC is between 1.8V and 5.5V, but can
operate down to 1.3V through the backup supply con-
nected to the VBAT input for timekeeping and SRAM
retention only.
As part of the power sense circuit, a time saver
function is implemented to store the time when main
power is lost and again, when power is restored to log
the duration of a power failure.
Along with the onboard serial EEPROM and battery-
backed SRAM, a 128-bit protected space is available
for a unique ID. This space can be ordered
preprogrammed with a MAC address, or blank for the
user to program.
This clock/calendar automatically adjusts for months
with fewer than 31 days including corrections for leap
years. The clock operates in either 24-hour or 12-hour
format with AM/PM indicator and settable alarm(s).
Using the external crystal, the CLKOUT pin can be set
to generate a number of output frequencies. In
addition, the MCP795BXX devices support a 32 kHz
clock output at power-up on the CLKOUT/BOOT pin
by using the same crystal driving the RTCC device.
For versatility, a digital event detect with a
programmable pulse count can identify the 1st, 4th,
16th or 32nd pulse before sending an interrupt. A
second event detect with built-in debounce input filter
was also implemented to support noisy mechanical
switches.
Since many microcontrollers do not have an integrated
Watchdog Timer, this peripheral has been imple-
mented in the RTCC. For many applications, this
function must be performed outside the microcontroller
for increased robustness.
FIGURE 1-1:
BLOCK DIAGRAM
X1
X2
VBAT
/WDO
/IRQ
/CS
Vss
Vcc
CLKOUT/
BOOT
EVHS
EVLS
SCK
SI
SO
OSC
CLKOUT Divider
WDT
SPI
EEPROM
SRAM
TIME-STAMP
ID


Similar Part No. - MCP795W20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP795W20 MICROCHIP-MCP795W20 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
More results

Similar Description - MCP795W20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com