Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS461PZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461PZT
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461PZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS461PZT Datasheet HTML 7Page - Texas Instruments TMDS461PZT Datasheet HTML 8Page - Texas Instruments TMDS461PZT Datasheet HTML 9Page - Texas Instruments TMDS461PZT Datasheet HTML 10Page - Texas Instruments TMDS461PZT Datasheet HTML 11Page - Texas Instruments TMDS461PZT Datasheet HTML 12Page - Texas Instruments TMDS461PZT Datasheet HTML 13Page - Texas Instruments TMDS461PZT Datasheet HTML 14Page - Texas Instruments TMDS461PZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
5V_Pwr[x]
5V_Ind
5pF
5pF
5V
1kW
HPD[x]
HPD_SINK
5pF
5V_PWR[x]
5pF
(a)
(b)
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH(HPD[x])
High-level output voltage
5V_PWR =4.5-5.5V
5V_PW
V
R
VOL(HPD[x])
Low-level output voltage
5V_PWR =4.5-5.5V
0
0.4
V
IH(HPD_SINK)
High-level input current
VIH = 2V, VCC = 3.6 V
–10
10
µA
IL(HPD_SINK)
Low-level input current
VIL = 0.8V, VCC = 3.6 V
–10
10
µA
IH(5V_PWR[x])
High-level input current
VIH = 5.5V, VCC = 3.6 V
–10
10
µA
VOH(5V_Ind)
High-level output voltage
IOH = 100 µA
2.4
VCC
V
VOL(5V_Ind)
Low-level output voltage
IOL = 100 µA
0
0.4
V
RL(HPD[x])
Output source impedance
RL(HPD[x]) is connected between
800
1000
1200
k
5V_PWR[x] and HPD[x].
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD1(HPD)
HPD_SINK propagation delay
HPD_SINK to HPD[1:4]
40
ns
tPD2(HPD)
5V_PWR to HPD propagation delay
5V_PWR[1:4] to HPD[1:4].
30
ns
tS1(HPD)
Selecting port HPD switch time
S[1:2] to HPD[1:4]
40
ns
tS2(HPD)
De-selecting port HPD switch time
S[1:2] to HPD[1:4]
25
ns
tz(HPD)
LP to HPD[x] switch time
LP to HPD[x]
40
ns
tPD3(5v)
5V_PWR to 5V_Ind propagation delay
5V PWR to 5V_Ind propagation Delay
30
ns
(Load on 5V_Ind: 5 pF)
Figure 1. 5V_PWR and HPD Test Circuit
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TMDS461


Similar Part No. - TMDS461PZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNP TI-TMDS442PNP Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNP TI1-TMDS442PNP Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNPG4 TI1-TMDS442PNPG4 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results

Similar Description - TMDS461PZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS261 TI-TMDS261 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com