Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS461PZTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461PZTR
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461PZTR Datasheet(HTML) 5 Page - Texas Instruments

  TMDS461PZTR Datasheet HTML 1Page - Texas Instruments TMDS461PZTR Datasheet HTML 2Page - Texas Instruments TMDS461PZTR Datasheet HTML 3Page - Texas Instruments TMDS461PZTR Datasheet HTML 4Page - Texas Instruments TMDS461PZTR Datasheet HTML 5Page - Texas Instruments TMDS461PZTR Datasheet HTML 6Page - Texas Instruments TMDS461PZTR Datasheet HTML 7Page - Texas Instruments TMDS461PZTR Datasheet HTML 8Page - Texas Instruments TMDS461PZTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
SIGNAL
NO.
D[0:2]+_4
43, 46, 49
I
Port-4 TMDS differential data inputs
D[0:2]-_4
42, 45, 48
TMDS OUTPUT PINS
CLK+_SINK
98
O
TMDS sink differential clock
CLK-_SINK
99
D[0:2]+_SINK
95, 92, 89
O
TMDS sink differential data outputs
D[0:2]-_SINK
96, 93, 90
HOT-PLUG-DETECT STATUS PINS
HPD[1:4]
70, 65, 60, 55
O
Source port hot-plug-detect output
HPD_SINK
72
I
Sink hot plug detect input
DDC PINS
SCL[1:4]
67, 62, 57, 52
I/O
TMDS port bidirectional DDC clock
SDA[1:4]
68, 63, 58, 53
I/O
TMDS port bidirectional DDC data
SCL_SINK
75
I/O
TMDS sink side bidirectional DDC clock
SDA_SINK
74
I/O
TMDS sink side bidirectional DDC data
STATUS PINS
IRQ
86
O
Interrupt Request
5V_PWR[1:4]
69, 64, 59, 54
I
Source Port 5V Signal Input
5V_Ind
73
O
Selected Port 5V Power Indicator
CONTROL PINS
LP
85
I
Low-power select bar
S[1:2]
83,82
I
Source Selection GPIO
I2C_SEL
81
I
Local I2C control select
Local_SCL
79
I
Local I2C clock
Local_SDA
78
I/O
Local I2C data
Local_Addr
77
I
Local I2C address
VSadj
87
I
TMDS compliant voltage swing control
OVS
76
I
DDC offset selector
NC
66
No Connect
SUPPLY AND GROUND PINS
VCC
4, 10, 16, 22, 26, 32,
3.3 V supply
38, 44,
50, 56, 80, 88, 94,
100
GND
1, 7, 13, 19, 25, 29,
Ground
35, 41, 47,
51, 61, 71, 84, 91, 97
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TMDS461


Similar Part No. - TMDS461PZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNP TI-TMDS442PNP Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNP TI1-TMDS442PNP Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNPG4 TI1-TMDS442PNPG4 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results

Similar Description - TMDS461PZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS261 TI-TMDS261 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com