Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM32C6416DGLZ50AEP Datasheet(PDF) 4 Page - Texas Instruments

Part # SM32C6416DGLZ50AEP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6416DGLZ50AEP Datasheet(HTML) 4 Page - Texas Instruments

  SM32C6416DGLZ50AEP Datasheet HTML 1Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 2Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 3Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 4Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 5Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 6Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 7Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 8Page - Texas Instruments SM32C6416DGLZ50AEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
1.4.1 Device Characteristics
SM320C6414-EP, SM320C6415-EP, SM320C6416-EP
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SGUS043D – MAY 2003 – REVISED SEPTEMBER 2008
www.ti.com
Table 1-1 provides an overview of the C6414, C6415, and C6416 DSPs. Table 1-1 shows significant
features of the C64x devices, including the capacity of on-chip RAM, the peripherals, the CPU frequency,
and the package type with pin count.
Table 1-1. Characteristics of the C6414, C6415, and C6416 Processors
HARDWARE FEATURES
C6414, C6415, AND C6416
EMIFA (64-bit bus width)
1
(default clock source = AECLKIN)
EMIFB (16-bit bus width)
1
Peripherals
(default clock source = BECLKIN)
Not all peripherals pins EDMA (64 independent channels)
1
are available at the same
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
time. (For more details,
see
the
Device PCI (32-bit) [DeviceID Register value 0xA106]
1 (C6415/C6416 only)
Configuration section.)
McBSPs
3
(default internal clock source = CPU/4 clock frequency)
Peripheral performance is
dependent
on
chip-level UTOPIA (8-bit mode)
1 (C6415/C6416 only)
configuration.
32-bit timers
3
(default internal clock source = CPU/8 clock frequency)
General-purpose input/output 0 (GP0)
16
VCP
1 (C6416 only)
Decoder coprocessors
TCP
1 (C6416 only)
Size (bytes)
1056K
16K-byte (16KB) L1 program (L1P) cache
On-chip memory
Organization
16KB L1 data (L1D) cache
1024KB unified mapped RAM/cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR[31:16])
0x0C01
DEVICE_REV[19:16]
Silicon revision
Silicon Revision Identification Register
1111
1.03 or earlier
Device_ID
(DEVICE_REV[19:16])
0001
1.03
Address: 0x01B0 0200
0010
1.1
Frequency
MHz
500
2 ns (C6414-50A, C6415-50A, C6416-50A)
Cycle time
ns
(500-MHz CPU, 100-MHz EMIF)(1)
Core (V)
1.25 V (-50A)
Voltage
I/O (V)
3.3 V
PLL options
CLKIN frequency multiplier
Bypass (x1), x6, x12
BGA package
23 mm
× 23 mm
532-pin BGA (GLZ)
Process technology
CMOS
0.3
µm
Product Preview (PP)
Product status
Advance Information (AI)
PD
Production Data (PD)
(1)
On these C64x devices, the rated EMIF speed affects only the SDRAM interface on EMIFA. For more detailed information, see the
EMIF Device Speed section of this data manual.
Introduction
4
Submit Documentation Feedback


Similar Part No. - SM32C6416DGLZ50AEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM32C6416DGLZ50AEP TI1-SM32C6416DGLZ50AEP Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM32C6416DGLZ50AEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com