Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C50HFGM50 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C50HFGM50
Description  DIGITAL SIGNAL PROCESSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C50HFGM50 Datasheet(HTML) 1 Page - Texas Instruments

  SMJ320C50HFGM50 Datasheet HTML 1Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 2Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 3Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 4Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 5Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 6Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 7Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 8Page - Texas Instruments SMJ320C50HFGM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
D
Military Operating Temperature Range:
-- 55°C to 125°C
D
Processed to MIL-PRF-38535
D
Fast Instruction Cycle Time (30 ns and
40 ns)
D
Source-Code Compatible With All C1x
and C2x Devices
D
RAM-Based Operation
-- 9K × 16-Bit Single-Cycle On-Chip
Program/Data RAM
-- 1056 × 16-Bit Dual-Access On-Chip
Data RAM
D
2K × 16-Bit On-Chip Boot ROM
D
224K × 16-Bit Maximum Addressable
External Memory Space (64K Program,
64K Data, 64K I/O, and 32K Global)
D
32-Bit Arithmetic Logic Unit (ALU)
-- 32-bit Accumulator (ACC)
-- 32-Bit Accumulator Buffer (ACCB)
D
16-Bit Parallel Logic Unit (PLU)
D
16 × 16-Bit Multiplier, 32-Bit Product
D
11 Context-Switch Registers
D
Two Buffers for Circular Addressing
D
Full-Duplex Synchronous Serial Port
D
Time-Division Multiplexed Serial Port (TDM)
D
Timer With Control and Counter Registers
D
16 Software Programmable Wait-State
Generators
D
Divide-by-One Clock Option
D
IEEE 1149.1Boundary Scan Logic
D
Operations Are Fully Static
D
Enhanced Performance Implanted CMOS
(EPIC™) Technology Fabricated by Texas
Instruments
D
Packaging
-- 141-Pin Ceramic Grid Array (GFA Suffix)
-- 132-Lead Ceramic Quad Flat Package
(HFG Suffix)
-- 132-Lead Plastic Quad Flat Package
(PQ Suffix)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
HFG PACKAGE
(TOP VIEW)
99
1
67
33
2
1
3 5 7 91113 15 17 19
V
T
P
M
K
H
F
D
B
W
U
R
N
L
J
G
E
C
A
46 8 10 12 14 16 18
GFA PACKAGE
(TOP VIEW)
PQ PACKAGE
(TOP VIEW)
1
17
18
117
116
50
51
83
84
132
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998, Texas Instruments Incorporated
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture
EPIC is a trademark of Texas Instruments Incorporated.
On products compliant to MIL-STD-883, Class B, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SMJ320C50HFGM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C50HFGM50 TI-SMJ320C50HFGM50 Datasheet
483Kb / 31P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C50HFGM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com