Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R60G226M Datasheet(PDF) 4 Page - Texas Instruments

Part # GRM188R60G226M
Description  3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60G226M Datasheet(HTML) 4 Page - Texas Instruments

  GRM188R60G226M Datasheet HTML 1Page - Texas Instruments GRM188R60G226M Datasheet HTML 2Page - Texas Instruments GRM188R60G226M Datasheet HTML 3Page - Texas Instruments GRM188R60G226M Datasheet HTML 4Page - Texas Instruments GRM188R60G226M Datasheet HTML 5Page - Texas Instruments GRM188R60G226M Datasheet HTML 6Page - Texas Instruments GRM188R60G226M Datasheet HTML 7Page - Texas Instruments GRM188R60G226M Datasheet HTML 8Page - Texas Instruments GRM188R60G226M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TLV62065-Q1
SLVSB92A – JANUARY 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6 V. External components CIN = 10 μF 0603, COUT = 10 μF 0603, L = 1 μH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.9
5.5
V
IOUT = 0 mA, device operating in PFM mode
IQ
Operating quiescent current
18
μA
and not device not switching
ISD
Shutdown current
EN = GND, current into AVIN and PVIN combined
0.1
5
μA
Falling
1.73
1.78
1.83
VUVLO
Undervoltage lockout threshold
V
Rising
1.9
1.95
1.99
ENABLE, MODE
VIH
High-level input voltage
2.9 V
≤ VIN ≤ 5.5 V
1
5.5
V
VIL
Low-level input voltage
2.9 V
≤ VIN ≤ 5.5 V
0
0.4
V
IIN
Input bias current
EN, MODE tied to GND or AVIN
0.01
1
μA
POWER SWITCH
VIN = 3.6 V
(1)
120
180
rDS(on)
High-side MOSFET on-resistance
m
VIN = 5 V
(1)
95
150
VIN = 3.6 V
(1)
90
130
rDS(on)
Low-side MOSFET on-resistance
m
Ω
VIN = 5 V
(1)
75
100
Forward current limit MOSFET
ILIMF
3 V
≤ VIN ≤ 3.6 V
2300
2750
mA
high-side and low-side
Thermal shutdown
Increasing junction temperature
150
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
10
OSCILLATOR
fSW
Oscillator frequency
2.9 V
≤ VIN ≤ 5.5 V
2.6
3
3.4
MHz
OUTPUT
Vref
Reference voltage
600
mV
PWM operation, MODE = VIN ,
VFB(PWM)
Feedback voltage, PWM mode
–2.0
0
2.0
2.9 V
≤ VIN ≤ 5.5 V, 0-mA load
%
Feedback voltage, PFM mode,
Device in PFM mode, voltage positioning active(2)
VFB(PFM)
1
voltage positioning
Load regulation
-0.5
%/A
VFB
Line regulation
0
%/V
Activated with EN = GND, 2.9 V
≤ VIN≤ 5.5 V, 0.8
200
R(Discharge)
Internal discharge resistor
Ω
V
≤ VOUT≤ 3.6 V
tSTART
Start-up time
Time from active EN to reach 95% of VOUT
500
μs
(1)
Maximum value applies for TJ = 85°C.
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01 × Vref. See the parameter measurement information.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065-Q1


Similar Part No. - GRM188R60G226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM188R60G226M TI-GRM188R60G226M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60G226M TI1-GRM188R60G226M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Kinetic Technologies.
GRM188R60G226ME KINETIC-GRM188R60G226ME Datasheet
1Mb / 25P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results

Similar Description - GRM188R60G226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com