Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V271CA60 Datasheet(PDF) 3 Page - Littelfuse

Part # V271CA60
Description  High Energy Industrial Disc Varistors > CA Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V271CA60 Datasheet(HTML) 3 Page - Littelfuse

  V271CA60 Datasheet HTML 1Page - Littelfuse V271CA60 Datasheet HTML 2Page - Littelfuse V271CA60 Datasheet HTML 3Page - Littelfuse V271CA60 Datasheet HTML 4Page - Littelfuse V271CA60 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
179
Varistor Products
Revision: September 3, 2009
©2009 Littelfuse, Inc.
CA Varistor Series
High Energy Industrial Disc Varistors > CA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ca.html for current information.
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
250 TO 880VM(AC) RATING
TA = -55oC TO 85oC
6,000
5,000
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V881CA60
V751CA60
V661CA60
V571CA60
V511CA60
V481CA60
V421CA60
V321CA60
V271CA60
V251CA60
Maximum Clamping Voltage for 60mm Parts
V112CA60 - V282CA60
30,000
20,000
10,000
9,000
8,000
7,000
6,000
5,000
4,000
3,000
2,000
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V282CA60
V242CA60
V202CA60
V172CA60
V142CA60
V112CA60
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
1100 TO 2800VM(AC) RATING
TA = -55oC TO 85oC
V251CA60 - V881CA60
Repetitive Surge Capability for 60mm Parts
V251CA60 - V321CA60
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
IMPULSE DURATION (μs)
1,000
10,000
10
102
103
INDEFINITE
106
20
100
2
DISC SIZE 60mm
V251CA60 - V321CA60
1
105
104
V421CA60 - V282CA60
100,000
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION (μs)
10
102
103
106
2
1
DISC SIZE 60mm
V421CA60 - V282CA60
INDEFINITE
104
105
NOTE: If pulse ratings are exceeded, a shift of V
N(DC) (at specified current) of more than
+/-10% could result. This type of shift, which normally results in a decrease of V
N(DC), may
result in the device not meeting the original published specifications, but does not prevent
the device from continuing to function, and to provide ample protection.
Figure 3
Figure 4
Figure 5
Figure 6


Similar Part No. - V271CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V271CA60 LITTELFUSE-V271CA60 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results

Similar Description - V271CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com