Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLK2511C Datasheet(PDF) 6 Page - Texas Instruments

Part # SLK2511C
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2511C Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLK2511C Datasheet HTML 2Page - Texas Instruments SLK2511C Datasheet HTML 3Page - Texas Instruments SLK2511C Datasheet HTML 4Page - Texas Instruments SLK2511C Datasheet HTML 5Page - Texas Instruments SLK2511C Datasheet HTML 6Page - Texas Instruments SLK2511C Datasheet HTML 7Page - Texas Instruments SLK2511C Datasheet HTML 8Page - Texas Instruments SLK2511C Datasheet HTML 9Page - Texas Instruments SLK2511C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DETAILED DESCRIPTION
SLK2511C
SLLS886 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
The SLK2511C is designed to support OC-48/24/12. The operating data speed can be configured through the
RSEL0 and RSEL1 pins as indicated in Table 2.
Table 2. Data Rate Select
SERIAL DATA RATE
RSEL0
RSEL1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48:2.488 Gb/s
0
0
622.08 Mbps
622.08 MHz
OC-24:1.244 Gb/s
1
0
311.04 Mbps
311.04 MHz
OC-12:622 Mb/s
0
1
155.52 Mbps
155.52 MHz
OC-3:155 Mb/s
1
1
38.88 Mbp
38.88 MHz
The user can also enable the autorate detection circuitry through the AUTO_DETECT pin. The device
automatically detects the OC-N of the data line rate and generates two bits of output to indicate the data rate to
other devices in the system. When using AUTO_DETECT, RSEL0 and RSEL1 need to be set to 00 or be
unconnected.
Table 3. Data Rate Reporting Under Autorate Detection Mode
SERIAL DATA RATE
RATEOUT0
RATEOUT1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48:2.488 Gb/s
0
0
622.08 Mbps
622.08 MHz
OC-24:1.244 Gb/s
1
0
311.04 Mbps
311.04 MHz
OC-12:622 Mb/s
0
1
155.52 Mbps
155.52 MHz
OC-3:155 Mb/s
1
1
38.88 Mbp
38.88 MHz
The SLK2511C has four operational modes controlled by two configuration pins. These operational modes are
listed in Table 4. When the device is put in a certain mode, unused circuit blocks are powered down to conserve
the system power.
While the transceiver mode, transmit only mode, and receive only mode are straightforward, the repeater mode
of operation is shown in Figure 4. The receive serial data is recovered by the extracted clock and it is then sent
back out on the transmit serial outputs. The data eye is open both vertically and horizontally in this process. In
the repeater mode, the user can select to turn on the RX demux function through the RX_MONITOR pin and
allow the parallel data to be presented. This feature enables the repeater device not only to repeat but also to
listen in.
Table 4. Operational Modes
MODE
CONFIG0
CONFIG1
DESCRIPTION
1
0
0
Full duplex transceiver mode
2
0
1
Transmit only mode
3
1
0
Receive only mode
4
1
1
Repeater mode
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SLK2511C


Similar Part No. - SLK2511C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2511C TI1-SLK2511C Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511CPZP TI1-SLK2511CPZP Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results

Similar Description - SLK2511C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com