Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV14RP300M Datasheet(PDF) 6 Page - Littelfuse

Part # TMOV14RP300M
Description  TMOV짰 and i TMOV짰 Varistor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV14RP300M Datasheet(HTML) 6 Page - Littelfuse

  TMOV14RP300M Datasheet HTML 1Page - Littelfuse TMOV14RP300M Datasheet HTML 2Page - Littelfuse TMOV14RP300M Datasheet HTML 3Page - Littelfuse TMOV14RP300M Datasheet HTML 4Page - Littelfuse TMOV14RP300M Datasheet HTML 5Page - Littelfuse TMOV14RP300M Datasheet HTML 6Page - Littelfuse TMOV14RP300M Datasheet HTML 7Page - Littelfuse TMOV14RP300M Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: September 25, 2011
TMOV® and i TMOV® Varistor Series
Radial Lead Varistors > TMOV® and iTMOV® Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Device Dimensions
Dimension
V
RMS
Voltage
Model
TMOV® Varistor
iTMOV® Varistor
14mm Size
20mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
Straight Lead
ALL
17.0(0.669) 22.0(0.866) 23.0(0.906)
28.0(1.10)
17.0(0.669) 22.0(0.866) 23.0(0.906)
28.0(1.10)
A
Crimped Lead
ALL
--
22.5(0.886)
--
31.0(1.221)
--
22.5(0.886)
--
31.0(1.221)
Dia D
ALL
13.5(0.531) 17.0(0.669)
19.0(0.748) 23.0(0.906) 13.5(0.531) 17.0(0.669)
19.0(0.748) 23.0(0.906)
e
ALL
6.5(0.256)
8.5(0.335)
6.5(0.256)
8.5(0.335)
6.5(0.256)
8.5(0.335)
6.5(0.256)
8.5(0.335)
e1
Bulk Pack
115-175
1.5(0.059)
4.0(0.157)
1.5(0.059)
4.0(0.157)
1.5(0.059)
4.0(0.157)
1.5(0.059)
4.0(0.157)
200-275
2.0(0.079)
4.5(0.177)
2.0(0.079)
4.5(0.177)
2.0(0.079)
4.5(0.177)
2.0(0.079)
4.5(0.177)
300-420
3.0(0.118)
5.5(0.217)
3.0(0.118)
5.5(0.217)
3.0(0.118)
5.5(0.217)
3.0(0.118)
5.5(0.217)
460-750
n/a
n/a
0
2.0(0.079)
n/a
n/a
0
2.0(0.079)
e1
Tape & Reel and
In-Line Lead
115-420
0
2.0(0.079)
0
2.0(0.079)
0
2.0(0.079)
0
2.0(0.079)
460-550*
n/a
n/a
0
2.0(0.079)
n/a
n/a
0
2.0(0.079)
e2
ALL
n/a
n/a
n/a
n/a
4.0(0.138)
6.0(0.236)
4.0(0.157)
6.0(0.236)
e3
ALL
n/a
n/a
n/a
n/a
0
2.0(0.079)
0
2.0(0.079)
E
115-175
--
9.0(0.335)
--
9.0(0.335)
--
9.0(0.335)
--
9.0(0.335)
200-275
--
9.5(0.374)
--
9.5(0.374)
--
9.5(0.374)
--
9.5(0.374)
300-460
--
11.0(0.433)
--
11.0(0.433)
--
11.0(0.433)
--
11.0(0.433)
510-575
--
n/a
--
12.0(0.472)
--
n/a
--
12.0(0.472)
625-750
--
n/a
--
13.0(0.512)
--
n/a
--
13.0(0.512)
L
ALL
25.4(1.00)
--
25.4(1.00)
--
25.4(1.00)
--
25.4(1.00)
--
L3
ALL
n/a
n/a
n/a
n/a
6.0(0.236)
--
6.0(0.236)
--
Dia b
115-420
0.76(0.030) 0.86(0.034) 0.76(0.030) 0.86(0.034) 0.76(0.030) 0.86(0.034) 0.76(0.030) 0.86(0.034)
460-750
n/a
n/a
0.95(0.037) 1.05(0.041)
n/a
n/a
0.95(0.037) 1.05(0.041)
Dia c
OutsideLeadOnly
ALL
n/a
n/a
n/a
n/a
0.76(0.030) 0.86(0.034) 0.76(0.030) 0.86(0.034)
NOTES:
For14mmratingsabove420V
RMScontactfactoryforspecifications.
*Itemsabove550V
RMSarenotavailablepackagedastapeandreel(bulkpackonly)
E
e
e1
e1
e3
e
e2
E
L
A
L3
Dia D
Dia D
Dia b
Dia b
Dia c
Monitor
Lead
TMOV
Straight Lead Forms
iTMOV
E
e
e1
e1
e3
e
e2
E
L
A
L3
Dia D
Dia D
Dia b
Dia b
Dia c
Monitor
Lead
TMOV
(outer crimp)
iTMOV
(inner crimp)
Curved Lead Forms
Seating
Plane


Similar Part No. - TMOV14RP300M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115M LITTELFUSE-TMOV14R115M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115M LITTELFUSE-TMOV14R115M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV14RP300M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com