Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG102GA-3.3G4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REG102GA-3.3G4
Description  250mA Low-Dropout Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG102GA-3.3G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG102GA-3.3G4 Datasheet HTML 5Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 6Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 7Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 8Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 9Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 10Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 11Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 12Page - Texas Instruments REG102GA-3.3G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
REG102
9
SBVS024F
www.ti.com
FIGURE 1. Fixed Voltage Nominal Circuit for the REG102.
REG102
Enable
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
GND
NR
In
Out
Optional
FIGURE 2. Adjustable Voltage Circuit for the REG102A.
FIGURE 3. Foldback Current Limit of the REG102-3.3 at 25
°C.
VOUT = (1 + R1/R2) • 1.26V
Pin numbers for the SOT-223 package.
REG102
V
IN
0.1
µF
3
1
Gnd
V
OUT
R
1
C
FB
0.01
µF
C
OUT
Adj
R
2
I
ADJ
Load
2
4
5
Enable
To reduce current through divider, increase resistor
values (see table at right).
As the impedance of the resistor divider increases,
IADJ (~200nA) may introduce an error.
CFB improves noise and transient response.
V
OUT (V)
R
1 (Ω)
(1)
R
2 (Ω)
(1)
2.5
11.3k
11.5k
1.13k
1.15k
3.0
15.8k
11.5k
1.58k
1.15k
3.3
18.7k
11.5k
1.87k
1.15k
5.0
34.0k
11.5k
3.40k
1.15k
NOTE: (1) Resistors are standard 1% values.
EXAMPLE RESISTOR VALUES
Optional
0
50
100
150
200
250
300
350
I
SC
I
CL
400
450
3.5
3
2.5
2
1.5
1
0.5
0
Output Current (mA)
CURRENT LIMIT FOLDBACK
REG102-3.3
BASIC OPERATION
The REG102 series of LDO (low dropout) linear regulators
offers a wide selection of fixed output voltage versions and
an adjustable output version as well. The REG102 belongs
to a family of new generation LDO regulators that use a
DMOS pass transistor to achieve ultra low-dropout perfor-
mance and freedom from output capacitor constraints. Ground
pin current remains under 1mA over all line, load, and
temperature conditions. All versions have thermal and over-
current protection, including foldback current limit.
The REG102 does not require an output capacitor for regulator
stability and is stable over most output currents and with almost
any value and type of output capacitor up to 10
µF or more. For
applications where the regulator output current drops below
several milliamps, stability can be enhanced by adding a 1k
to 2k
Ω load resistor, using capacitance values smaller than
10
µF, or keeping the effective series resistance greater than
0.05
Ω including the capacitor ESR and parasitic resistance in
printed circuit board traces, solder joints, and sockets.
Although an input capacitor is not required, it is a good
standard analog design practice to connect a 0.1
µF low ESR
capacitor across the input supply voltage. This is recom-
mended to counteract reactive input sources and improve
ripple rejection by reducing input voltage ripple.
Figure 1 shows the basic circuit connections for the fixed
voltage models. Figure 2 gives the connections for the adjust-
able output version (REG102A) and example resistor values for
some commonly used output voltages. Values for other volt-
ages can be calculated from the equation shown in Figure 2.
INTERNAL CURRENT LIMIT
The REG102 internal current limit has a typical value of
400mA. A foldback feature limits the short-circuit current to a
typical short-circuit value of 150mA, which helps to protect
the regulator from damage under all load conditions. A
characteristic of VOUT versus IOUT is given in Figure 3 and in
the Typical Characteristics section.


Similar Part No. - REG102GA-3.3G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102GA-3.3G4 BURR-BROWN-REG102GA-3.3G4 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results

Similar Description - REG102GA-3.3G4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com