Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV34S481EP Datasheet(PDF) 4 Page - Littelfuse

Part # TMOV34S481EP
Description  Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S481EP Datasheet(HTML) 4 Page - Littelfuse

  TMOV34S481EP Datasheet HTML 1Page - Littelfuse TMOV34S481EP Datasheet HTML 2Page - Littelfuse TMOV34S481EP Datasheet HTML 3Page - Littelfuse TMOV34S481EP Datasheet HTML 4Page - Littelfuse TMOV34S481EP Datasheet HTML 5Page - Littelfuse TMOV34S481EP Datasheet HTML 6Page - Littelfuse TMOV34S481EP Datasheet HTML 7Page - Littelfuse TMOV34S481EP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
TMOV®34S Series Ratings & Specifications - Alternative 2 Lead Design
Lead–free
and RoHS
Compliant
Models
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mA
Test Current
Maximum
Clamping Volt V
C
at 200A Current
(8/20
μs)
Typical
Capaci-
tance
f =
1MHz
AC
Volts
DC
Volts
MCOV
Surge
Arrester
Energy
2ms
Peak
Current
8 x 20
μs
Part Number
Branding
V
V
M(AC)
V
W
TM
1 x Pulse
I
TM
1 x Pulse
V
Min
V
Max
V
C
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(pF)
40000
202
40000
340
40000
200
360
40000
240
400
40000
200
430
40000
330
40000
234
40000
300
400
40000
433
320
420
640
40000
462
330
40000
460
40000
40000
3300
420
40000
3000
460
40000
642
640
40000
434
40000
40000
40000
2200
620
40000
660
40000
2000
40000
40000
2000


Similar Part No. - TMOV34S481EP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S481M LITTELFUSE-TMOV34S481M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S481M6 LITTELFUSE-TMOV34S481M6 Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S481MP LITTELFUSE-TMOV34S481MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV34S481EP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com