Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020WAZ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020WAZ
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12020WAZ Datasheet(HTML) 5 Page - Texas Instruments

  PTH12020WAZ Datasheet HTML 1Page - Texas Instruments PTH12020WAZ Datasheet HTML 2Page - Texas Instruments PTH12020WAZ Datasheet HTML 3Page - Texas Instruments PTH12020WAZ Datasheet HTML 4Page - Texas Instruments PTH12020WAZ Datasheet HTML 5Page - Texas Instruments PTH12020WAZ Datasheet HTML 6Page - Texas Instruments PTH12020WAZ Datasheet HTML 7Page - Texas Instruments PTH12020WAZ Datasheet HTML 8Page - Texas Instruments PTH12020WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PTH12020W TYPICAL CHARACTERISTICS (VI = 12 V)(1)(2)
50
60
70
80
90
100
0
3
6
9
12
15
18
IO − Load Current − A
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 2 V
(See Note A)
50
60
70
80
90
100
0
3
6
9
12
15
18
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 2 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
IO − Load Current − A
(See Note A)
0
1
2
3
4
5
6
0
5
10
15
IO − Load Current − A
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 2 V
15
(See Note A)
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 2.5 V
IO − Load Current − A
(See Note B)
20
30
40
50
60
70
80
90
0
3
6
9
9
9
12
15
18
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 5 V
IO − Load Current − A
(See Note B)
20
30
40
50
60
70
80
90
0
3
6
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 1.8 V
IO − Load Current − A
9
12
15
18
(See Note B)
PTH12020W/L
www.ti.com ............................................................................................................................................................. SLTS208I – MAY 2003 – REVISED MARCH 2009
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
(1)
Note A: The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
Note B: The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's
maximum operating temperatures. Derating limits apply to modules soldered directly to a 4 inch × 4 inch double-sided PCB with 1oz.
copper. For surface mount products (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around
the power pins. Please refer to the mechanical specification for more information. Applies to Figure 4, Figure 5 and Figure 6.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :PTH12020W/L


Similar Part No. - PTH12020WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020WAZ TI-PTH12020WAZ Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12020WAZ ARTESYN-PTH12020WAZ Datasheet
260Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12020WAZ EMERSON-NETWORKPOWER-PTH12020WAZ Datasheet
260Kb / 5P
   DC-DC CONVERTERS
logo
Texas Instruments
PTH12020WAZT TI-PTH12020WAZT Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12020WAZT ARTESYN-PTH12020WAZT Datasheet
260Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
More results

Similar Description - PTH12020WAZ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com