Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV20RP115M Datasheet(PDF) 4 Page - Littelfuse

Part # TMOV20RP115M
Description  TMOV짰 and i TMOV짰 Varistor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20RP115M Datasheet(HTML) 4 Page - Littelfuse

  TMOV20RP115M Datasheet HTML 1Page - Littelfuse TMOV20RP115M Datasheet HTML 2Page - Littelfuse TMOV20RP115M Datasheet HTML 3Page - Littelfuse TMOV20RP115M Datasheet HTML 4Page - Littelfuse TMOV20RP115M Datasheet HTML 5Page - Littelfuse TMOV20RP115M Datasheet HTML 6Page - Littelfuse TMOV20RP115M Datasheet HTML 7Page - Littelfuse TMOV20RP115M Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: September 25, 2011
TMOV® and i TMOV® Varistor Series
Radial Lead Varistors > TMOV® and iTMOV® Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Repetitive Surge Capability for 14mm Parts
Repetitive Surge Capability for 20mm Parts
Wave Solder Profile
NOTE:Averagepowerdissipationoftransientsshouldnotexceed0.6W
NOTE:Averagepowerdissipationoftransientsshouldnotexceed1.0W
Operating/Storage
Temperature
-40°Cto+85°C
Passive Aging
+85°C,1000hours
+/-10%typicalvoltagechange
Humidity Aging
+85°C,85%RH,1000hours
+/-10%typicalvoltagechange
Thermal Shock
+85°Cto-40°C5times
+/-10%typicalvoltagechange
Solvent Resistance
MIL–STD–202,Method215F
Moisture Sensitivity
Level1,J–STD–020C
Lead Material
NonLead–freeparts:Soldercoated
Copperwire,orTin–coatedCopperwire
Lead–freeparts:Tin–coatedCopperwire
Soldering
Characteristics
SolderabilityperMIL–STD–202,
Method208E
Insulating Material
Cured,flameretardantepoxypolymer
meetsUL94V–0requirements
Device Labeling
MarkedwithLF,voltage,UL/CSAlogos,
anddatecode
Physical Specifications
Environmental Specifications
BecausetheTMOV®andiTMOV®varistorscontainathermalprotectiondevice,caremustbetakenwhensolderingthedevicesintoplace.
Twosolderingmethodsarepossible.Firstly,handsoldering:Itisrecommendedtoheat-sinktheleadsofthedevice.Secondly,wavesolder-
ing:Itiscriticallyimportantthatallpreheatstageandthesolderbathtemperaturesarerigidlycontrolled.
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Figure 9: Pulse Rating Curves for 20mm types
1
10
100
1000
10000
10
100
1000
10000
Impulse Duration (s)
1
10
2
10
3
Model 20 mm
2
10
4
10
5
106
10
Figure 8: Pulse Rating Curves for 14mm types
1
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
1
10
102
103
Model 14 mm
2
104
10
5
10
6
Figure 5
Figure 6
Figure 7
Figure 8


Similar Part No. - TMOV20RP115M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R130E LITTELFUSE-TMOV20R130E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20RP115M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com