Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2461AQDRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2461AQDRG4Q1
Description  LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2461AQDRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2461AQDRG4Q1 Datasheet HTML 1Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 2Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 3Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 4Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 5Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 6Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2461AQDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1
TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008D – MARCH 2003 – REVISED SEPTEMBER 2010
OPERATING CHARACTERISTICS
VDD = 3 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
1
1.6
SR
Slew rate at unity gain
VO(PP) = 2 V, CL = 160 pF, RL = 10 kΩ
V/ms
Full range
0.8
f = 100 Hz
16
Vn
Equivalent input noise voltage
25°C
nV/
√Hz
f = 1 kHz
11
In
Equivalent input noise current f = 1 kHz
25°C
0.13
pA/
√Hz
AV = 1
0.006
Total harmonic distortion
VO(PP) = 2 V,
THD+N
AV = 10
25°C
0.02
%
plus noise
RL = 10 kΩ, f = 1 kHz
AV = 100
0.08
Both channels
7.6
Channel 1
t(on)
Amplifier turn-on time
AV = 1, RL = 10 kΩ
25°C
ms
only,
7.65
Channel 2 on
Both channels
333
Channel 1
only,
328
t(off)
Amplifier turn-off time
AV = 1, RL = 10 kΩ
Channel 2 on
25°C
ns
Channel 2
only,
329
Channel 1 on
Gain-bandwidth product
f = 10 kHz, CL = 160 pF, RL = 10 kΩ
25°C
5.2
MHz
V(STEP)PP = 2 V,
0.1%
1.47
AV = –1, CL = 10 pF,
0.01%
1.78
RL = 10 kΩ
ts
Settling time
25°C
ms
V(STEP)PP = 2 V,
0.1%
1.77
AV = –1, CL = 56 pF,
0.01%
1.98
RL = 10 kΩ
fm
Phase margin at unity gain
RL = 10 kΩ, CL = 160 pF
25°C
44
°
Gain margin
RL = 10 kΩ, CL = 160 pF
25°C
7
dB
(1)
Full range is –40°C to 125°C.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV2460-Q1 TLV2461-Q1 TLV2462-Q1 TLV2463-Q1 TLV2464-Q1 TLV2460A-Q1
TLV2461A-Q1 TLV2462A-Q1 TLV2463A-Q1 TLV2464A-Q1


Similar Part No. - TLV2461AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2461AQDR TI-TLV2461AQDR Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2461AQDR TI-TLV2461AQDR Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2461AQDR TI1-TLV2461AQDR Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2461AQDRQ1 TI-TLV2461AQDRQ1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2461AQDRQ1 TI1-TLV2461AQDRQ1 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results

Similar Description - TLV2461AQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com