Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V9MLN41206 Datasheet(PDF) 5 Page - Littelfuse

Part # V9MLN41206
Description  Surface Mount Multilayer Varistors (MLVs) > MLN Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V9MLN41206 Datasheet(HTML) 5 Page - Littelfuse

  V9MLN41206 Datasheet HTML 1Page - Littelfuse V9MLN41206 Datasheet HTML 2Page - Littelfuse V9MLN41206 Datasheet HTML 3Page - Littelfuse V9MLN41206 Datasheet HTML 4Page - Littelfuse V9MLN41206 Datasheet HTML 5Page - Littelfuse V9MLN41206 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 10, 2010
MLN SurgeArray™ Suppressor
Surface Mount Multilayer Varistors (MLVs) > MLN Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MLN.html for current information.
Product Dimensions (mm)
E
D
A
B
C
Part Numbering System
V 18
1206
PACKING OPTIONS*
A:
CAPACITANCE OPTION
(no letter): Standard
L: Low Capacitance Version
Bulk Pack, 2500 pieces
H: 7in (178mm) Diameter Reel, 2500 pieces
T: 13in (330mm) Diameter Reel, 10,000 pieces
DEVICE SIZE: 1206: 120mil x 60mil
DEVICE FAMILY
TVSS Device
MAXIMUM DC
WORKING VOLTAGE
ML N
SERIES DESIGNATOR
N: Array
W T
END TERMINATION
W:
(Silver/Platinum/Palladium)
Ag/Pd/Pt
MULTILAYER DESIGNATOR
4
NUMBER OF SECTIONS
L
Packaging*
Device Size
Quantity
13” Inch Reel
("T" Option)
7” Inch Reel
("H" Option)
Bulk Pack
("A" Option)
1206
10,000
2,500
2,500
*(Packaging) It is recommended that parts be kept in the sealed bag provided and that parts be used as soon as possible when removed from bags.
BL
BW
W
P
L
T
S
X
Dimension
1206 Size
IN
MM
A
0.890
0.035
B
1.650
0.065
C
2.540
0.100
D
0.460
0.018
E
0.790
0.030
L
0.126 -/+0.008
3.200 -/+0.200
W
0.063 -/+0.008
1.600 -/+0.200
T
0.053 Max
1.350 Max
BW
0.016 -/+0.004
0.410 -/+0.100
BL
0.007 +0.01/- 0.002
0.180 +0.25/-0.050
P
0.030 Ref
0.760 Ref
X
0.045 -/+0.004
1.140 -/+0.100
S
0.015 -/+0.004
0.380 -/+0.100
PAD LAYOUT DEMENSIONS
CHIP LAYOUT DIMENSIONS


Similar Part No. - V9MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
1Mb / 7P
   MLN SurgeArray??Suppressor
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
More results

Similar Description - V9MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V30MLA0603H LITTELFUSE-V30MLA0603H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V56MLA1206H LITTELFUSE-V56MLA1206H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA020133NR LITTELFUSE-V5.5MLA020133NR Datasheet
380Kb / 3P
   Surface Mount Multilayer Varistors (MLVs)
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N_10 Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0603LNR LITTELFUSE-V5.5MLA0603LNR Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03N LITTELFUSE-V0402MHS03N_10 Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805LH LITTELFUSE-V14MLA0805LH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03NR LITTELFUSE-V0402MHS03NR Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com