Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3033-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF3033-Q1
Description  50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3033-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF3033-Q1 Datasheet HTML 5Page - Texas Instruments REF3033-Q1 Datasheet HTML 6Page - Texas Instruments REF3033-Q1 Datasheet HTML 7Page - Texas Instruments REF3033-Q1 Datasheet HTML 8Page - Texas Instruments REF3033-Q1 Datasheet HTML 9Page - Texas Instruments REF3033-Q1 Datasheet HTML 10Page - Texas Instruments REF3033-Q1 Datasheet HTML 11Page - Texas Instruments REF3033-Q1 Datasheet HTML 12Page - Texas Instruments REF3033-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SUPPLY CURRENT vs INPUT VOLTAGE
42.5
42.0
41.5
41.0
40.5
40.0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
REF3033-Q1
www.ti.com
SBVS131 – JANUARY 2010
Figure 3. Supply Current vs Supply Voltage
Supply voltages below the specified levels can cause the REF30xx to momentarily draw currents greater than
the typical quiescent current. Using a power supply with a fast rising edge and low output impedance easily
prevents this.
Thermal Hysteresis
Thermal hysteresis for the REF30xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C, and can be expressed
as:
Where
VHYST = Calculated hysteresis
VPRE = Output voltage measured at 25°C pretemperature cycling
VPOST = Output voltage measured when device has been operated at 25°C, cycled through specified range
–40°C to 85°C, and returned to operation at 25°C.
Temperature Drift
The REF30xx is designed to exhibit minimal drift error, defined as the change in output voltage over varying
temperature. Using the "box" method of drift measurement, the REF30xx features a typical drift coefficient of
20 ppm from 0°C to 70°C—the primary temperature range of use for many applications. For automotive
temperature ranges of –40°C to 85°C, the REF30xx family drift increases to a typical value of 50 ppm.
Noise Performance
The REF30xx generates noise less than 50
μVp-p between frequencies of 0.1 Hz to 10 Hz, and can be seen in
the typical characteristic curve "0.1 to 10Hz Voltage Noise." The noise voltage of the REF30xx increases with
output voltage and operating temperature. Additional filtering may be used to improve output noise levels,
although care should be taken to ensure the output impedance does not degrade AC performance.
Long-Term Stability
Long term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses as is apparent by the long term stability curves. The typical drift value for
the REF30xx is 24 ppm from 0 to 1000 hours and 15 ppm from 1000 to 2000 hours. This parameter is
characterized by measuring 30 units at regular intervals for a period of 2000 hours.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): REF3033-Q1


Similar Part No. - REF3033-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3033 TI-REF3033 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3033 BURR-BROWN-REF3033 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033AIDBZR TI-REF3033AIDBZR Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3033AIDBZR BURR-BROWN-REF3033AIDBZR Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033AIDBZR TI1-REF3033AIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
More results

Similar Description - REF3033-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3212-EP TI-REF3212-EP_15 Datasheet
352Kb / 22P
[Old version datasheet]   4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
REF3212-EP TI1-REF3212-EP Datasheet
443Kb / 22P
[Old version datasheet]   4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
REF3312 TI-REF3312 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
[Old version datasheet]   REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
[Old version datasheet]   4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com