Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A015WAD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A015WAD
Description  15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTD08A015WAD Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTD08A015WAD Datasheet HTML 2Page - Texas Instruments PTD08A015WAD Datasheet HTML 3Page - Texas Instruments PTD08A015WAD Datasheet HTML 4Page - Texas Instruments PTD08A015WAD Datasheet HTML 5Page - Texas Instruments PTD08A015WAD Datasheet HTML 6Page - Texas Instruments PTD08A015WAD Datasheet HTML 7Page - Texas Instruments PTD08A015WAD Datasheet HTML 8Page - Texas Instruments PTD08A015WAD Datasheet HTML 9Page - Texas Instruments PTD08A015WAD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
0
50
15
12
9
6
3
40
70
60
90
80
100
fSW = 350 kHz
3.3 V
2.5 V
1.8 V
1.2 V
0.8 V
I
O – Ouput Current – A
0.6 V
3.3 V
2.5 V
1.8 V
1.2 V
0.8 V
fSW = 500 kHz
50
40
70
60
90
80
100
0.6 V
0
15
12
9
6
3
I
O – Ouput Current – A
fSW = 750 kHz
2.5 V
1.8 V
1.2 V
0.8 V
50
40
70
60
90
80
100
3.3 V
0
15
12
9
6
3
I
O – Ouput Current – A
2.5 V
fSW = 1 MHz
50
40
70
60
90
80
100
3.3 V
1.8 V
1.2 V
0
15
12
9
6
3
I
O – Ouput Current – A
fSW = 350 kHz
3.3 V
2.5 V
1.8 V
1.2 V
0.8 V
0.6 V
0
15
12
9
6
3
I
O – Ouput Current – A
1
0
3
4
6
2
5
0
15
12
9
6
3
I
O – Ouput Current – A
1
0
3
4
6
2
5
3.3 V
2.5 V
1.8 V
1.2 V
0.8 V
0.6 V
fSW = 500 kHz
1000
900
700
600
400
fSW – Switching Frequency – kHz
300
20
60
90
40
80
500
800
V
I = 12 V
3.3 V
0
15
12
9
6
3
I
O – Ouput Current – A
1
0
3
4
6
2
5
fSW = 750 kHz
2.5 V
1.8 V
0.8 V
1.2 V
fSW = 1 MHz
1.2 V
3.3 V
2.5 V
1.8 V
0
15
12
9
6
3
I
O – Ouput Current – A
2
1
4
5
7
3
6
PTD08A015W
SLTS296A – OCTOBER 2009 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (VI = 12 V) (1)
EFFICIENCY vs
EFFICIENCY vs
EFFICIENCY vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
EFFICIENCY vs
POWER DISSIPATION
POWER DISSIPATION
LOAD CURRENT
vs LOAD CURRENT
vs LOAD CURRENT
Figure 4.
Figure 5.
Figure 6.
POWER DISSIPATION
POWER DISSIPATION
INPUT BIAS CURRENT vs
vs LOAD CURRENT
vs LOAD CURRENT
SWITCHING FREQUENCY
Figure 7.
Figure 8.
Figure 9.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): PTD08A015W


Similar Part No. - PTD08A015WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010WAD TI1-PTD08A010WAD Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W_10 Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A015WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com