Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV25SP625M Datasheet(PDF) 3 Page - Littelfuse

Part # TMOV25SP625M
Description  TMOV짰25S Varistor Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV25SP625M Datasheet(HTML) 3 Page - Littelfuse

  TMOV25SP625M Datasheet HTML 1Page - Littelfuse TMOV25SP625M Datasheet HTML 2Page - Littelfuse TMOV25SP625M Datasheet HTML 3Page - Littelfuse TMOV25SP625M Datasheet HTML 4Page - Littelfuse TMOV25SP625M Datasheet HTML 5Page - Littelfuse TMOV25SP625M Datasheet HTML 6Page - Littelfuse TMOV25SP625M Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: May 1, 2012
TMOV®25S Varistor Series
Radial Lead Varistors > TMOV®25S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Thermal Characteristics
0.1
1
10
10
100
100 0
10000
10 A
5 A
2.5 A
0.5 A
Time (secs)
Typical
0
20
40
60
80
100
- 55
5060
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (ºC)
Current, Energy, Power Derating Curve
100
1000
10000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
10000A
100000A
      Peak Current        
750
625
550
510
460
440
385
420
115
130
140
150
175
230
250
275
300
320
Transient V–I Characteristic Curves
Figure 1
Figure 2
Figure 3


Similar Part No. - TMOV25SP625M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV25S LITTELFUSE-TMOV25S Datasheet
901Kb / 6P
   Metal Oxide Varistors (MOVs) are rated for specific AC line operating voltages, and exceeding these limits through
More results

Similar Description - TMOV25SP625M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
SMOV25S511NP LITTELFUSE-SMOV25S511NP Datasheet
813Kb / 6P
   SMOV25S Varistor Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com