Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA688MJD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA688MJD
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688MJD Datasheet(HTML) 1 Page - Texas Instruments

  OPA688MJD Datasheet HTML 1Page - Texas Instruments OPA688MJD Datasheet HTML 2Page - Texas Instruments OPA688MJD Datasheet HTML 3Page - Texas Instruments OPA688MJD Datasheet HTML 4Page - Texas Instruments OPA688MJD Datasheet HTML 5Page - Texas Instruments OPA688MJD Datasheet HTML 6Page - Texas Instruments OPA688MJD Datasheet HTML 7Page - Texas Instruments OPA688MJD Datasheet HTML 8Page - Texas Instruments OPA688MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D High Linearity Near Limiting
D Fast Recovery from Overdrive: 2.4 ns
D IiMiting Voltage Accuracy: ±15 mV
D −3dB Bandwidth (G = +1): 450 MHz
D Slew Rate: 1000 V/µs
D ±5-V and 5-V Supply Operation
D Unity Gain Version of the OPA689
applications
D Fast Limiting ADC Input Buffers
D CCD Pixel Clock Stripping
D Video Sync Stripping
D HF Mixers
D IF Limiting Amplifiers
D AM Signal Generation
D Non−Linear Analog Signal Processing
D High Speed Comparators
description
The OPA688 is a wideband, unity gain stable voltage-feedback op amp that offers bipolar output voltage limiting.
Two buffered limiting voltages take control of the output when it attempts to drive beyond these limits. This new
output limiting architecture holds the limiter offset error to
±15 mV. The op amp operates linearly to within
30 mV of the output limit voltages.
The combination of narrow nonlinear range and low limiting offset allows the limiting voltages to be set within
100 mV of the desired linear output range. A fast 2.4-ns recovery from limiting ensures that overdrive signals
will be transparent to the signal channel. Implementing the limiting function at the output, as opposed to the
input, gives the specified limiting accuracy for any gain, and allows the OPA688 to be used in all standard op
amp applications.
Non-linear analog signal processing will benefit from the OPA688s sharp transition from linear operation to
output limiting. The quick recovery time supports high-speed applications.
The OPA688M is available in an industry standard pinout CDIP-8 package. For higher gain, or transimpedance
applications requiring output limiting with fast recovery, consider the OPA689M.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−55
°C to 125°C
CDIP - JD
Tube
OPA688MJD
OPA688MJD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
NC
INVERTING INPUT
NON-INVERTING INPUT
−VCC
VH
+VCC
OUTPUT
VL
JD PACKAGE
(TOP VIEW)
NC - No internal connection


Similar Part No. - OPA688MJD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA688P BURR-BROWN-OPA688P Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA688P TI1-OPA688P Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA688U BURR-BROWN-OPA688U Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA688MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com