Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA688M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688M Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA688M Datasheet HTML 5Page - Texas Instruments OPA688M Datasheet HTML 6Page - Texas Instruments OPA688M Datasheet HTML 7Page - Texas Instruments OPA688M Datasheet HTML 8Page - Texas Instruments OPA688M Datasheet HTML 9Page - Texas Instruments OPA688M Datasheet HTML 10Page - Texas Instruments OPA688M Datasheet HTML 11Page - Texas Instruments OPA688M Datasheet HTML 12Page - Texas Instruments OPA688M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
80
70
60
50
40
30
20
10
0
R S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
300
Figure 14
12
9
6
3
0
−3
−6
−9
−12
−15
−18
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
10M
100M
1G
V O = 0.2Vp−p
C L = 100pF
C L = 0
C L = 10pF
OPA688
R S
200
1k
Ω is optional
V IN
V O
C L
1k
402
402
Figure 15
60
50
40
30
20
10
0
−10
−20
OPEN−LOOP FREQUENCY RESPONSE
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0
−30
−60
−90
−120
−150
−180
−210
−240
Gain
Phase
V O = 0.2Vp−p
Figure 16
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise
6.3nV/
√ Hz
Current Noise
2.0pA/
√ Hz
Figure 17
6
3
0
−3
−6
−9
−12
−15
−18
−21
−24
LIMITER SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V O = 0.02Vp−p
402
200
402
V
O
8
V
H
= 0.02Vp−p + 2.0V
DC
2V
DC
Figure 18
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
−80
LIMITER FEEDTHROUGH
Frequency (Hz)
1M
10M
50M
402
200
402
V
O
8
V
H
= 0.02Vp−p + 2V
DC


Similar Part No. - OPA688M

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA688P BURR-BROWN-OPA688P Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA688P TI1-OPA688P Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA688U BURR-BROWN-OPA688U Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA688M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com