Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V5.5MLA0805N Datasheet(PDF) 7 Page - Littelfuse

Part # V5.5MLA0805N
Description  MLA Varistor Seriesv
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLA0805N Datasheet(HTML) 7 Page - Littelfuse

  V5.5MLA0805N Datasheet HTML 1Page - Littelfuse V5.5MLA0805N Datasheet HTML 2Page - Littelfuse V5.5MLA0805N Datasheet HTML 3Page - Littelfuse V5.5MLA0805N Datasheet HTML 4Page - Littelfuse V5.5MLA0805N Datasheet HTML 5Page - Littelfuse V5.5MLA0805N Datasheet HTML 6Page - Littelfuse V5.5MLA0805N Datasheet HTML 7Page - Littelfuse V5.5MLA0805N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Product Dimensions (mm)
Silver (Ag) epoxy paste.
C
B
A
NOTE
E
L
W
D
Dimension
1210 Size
1206 Size
0805 Size
0603 Size
0402 Size
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
A
0.160
4.06
0.160
4.06
0.120
0.100
2.54
B
0.100
2.54
0.065
1.65
0.050
0.020
0.51
C
0.040
1.02
0.040
1.02
0.040
1.02
0.024
0.61
D (max.)
1.80
1.10
0.040
1.00
0.024
0.60
E
0.020
0.50
0.020
0.50
0.010
0.25
0.015
0.4
0.010
0.25
L
0.125
0.125
2.01
1.6
1.00
W
0.100
2.54
0.060
1.60
1.25
0.8
0.020
0.50
Part Numbering System
V 18
1206
PACKING OPTIONS (see Packaging table for quantities)
DEVICE SIZE:
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLA
X X
CAPACITANCE OPTION
No Letter: Standard
No Letter: Standard
L: Low Capacitance Version
END TERMINATION OPTION
MULTILAYER SERIES
DESIGNATOR
N: Nickel Barrier Option
(Matte Tin outer surface, plated on Nickel underlayer
plated on silver base metal)
T: 13in (330mm) Diameter Reel, Plastic Carrier Tape
H: 7in (178mm) Diameter Reel, Plastic Carrier Tape
R: 7in (178mm) Diameter Reel, Paper Carrier Tape
A: Bulk Pack
0201 = .024 inch x .012 inch (0.6 mm x 0.3 mm)
0402 = .04 inch x .02 inch (1.0 mm x 0.5 mm)
0603 = .063 inch x .031 inch (1.6 mm x 0.8 mm)
0805 = .08 inch x .08 inch (2.0 mm x 1.25 mm)
1206 = .126 inch x .063 inch (3.2 mm x 1.6 mm)
1210 = .126 inch x .1 inch (3.2 mm x 2.5 mm)
Packaging*
Device Size
Quantity
13” Inch Reel
("T" Option)
7” Inch Reel
("H" Option)
7” Inch Reel
("R" Option)
Bulk Pack
("A" Option)
1210
8,000
2,000
N/A
2,000
1206
10,000
2,500
N/A
2,500
0805
10,000
2,500
N/A
2,500
10,000
2,500
4,000
2,500
0402
N/A
N/A
10,000
N/A
1 V120MLA1210 standard shipping quantities are 1000 pieces per reel for the "H" option and 4000 pieces per reel for "T" option.


Similar Part No. - V5.5MLA0805N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0805N LITTELFUSE-V5.5MLA0805N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V5.5MLA0805N LITTELFUSE-V5.5MLA0805N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0805N LITTELFUSE-V5.5MLA0805N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0805N LITTELFUSE-V5.5MLA0805N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0805N LITTELFUSE-V5.5MLA0805N Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results

Similar Description - V5.5MLA0805N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLA-14KG BOURNS-CG0402MLA-14KG_12 Datasheet
197Kb / 4P
   ChipGuard MLA Series Varistor ESD Clamp Protectors
CGA0603MLA-16150E BOURNS-CGA0603MLA-16150E Datasheet
673Kb / 3P
   Automotive MLA Series Varistor ESD Clamp Protectors
logo
Littelfuse
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com