Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE40HX1K-QN225 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ICE40HX1K-QN225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX1K-QN225 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ICE40HX1K-QN225 Datasheet HTML 2Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 3Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 9Page - Lattice Semiconductor ICE40HX1K-QN225 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
6
AC Timing Guidelines
The following examples provide some guidelines of device performance. The actual performance depends on the
specific application and how it is physically implemented in the iCE65P FPGA using the Lattice iCEcube2 software.
The following guidelines assume typical conditions (VCC = 1.0 V or 1.2 V as specified, temperature = 25 ˚C). Apply
derating factors using the iCEcube2 timing analyzer to adjust to other operating regimes.
Programmable Logic Block (PLB) Timing
Table 8 provides timing information for the logic in a Programmable Logic Block (PLB), which includes the paths
shown in Figure 5 and Figure 6.
Figure 5 PLB Sequential Timing Circuit
Logic Cell
PAD
PIO
PAD
PIO
GBIN
GBUF
LUT4
D
Q
DFF
Logic Cell
Figure 6 PLB Combinational Timing Circuit
LUT4
PAD
PIO
PAD
PIO
Logic Cell
Table 8: Typical Programmable Logic Block (PLB) Timing
Nominal VCC
1.2 V
units
Description
Typ.
Sequential Logic Paths
FTOGGLE
GBIN
input
GBIN
input
Flip-flop toggle frequency. DFF flip-flop output fed back to LUT4 input with
4-input XOR, clocked on same clock edge
256
MHz
tCKO
DFF
clock
input
PIO
output
Logic cell flip-flop (DFF) clock-to-output time, measured from the DFF CLK
input to PIO output, including interconnect delay.
3.9
ns
tGBCKLC
GBIN
input
DFF
clock
input
Global Buffer Input (GBIN) delay, though Global Buffer (GBUF) clock network
to clock input on the logic cell DFF flip-flop.
1.5
ns
tSULI
PIO
input
GBIN
input
Minimum setup time on PIO input, through LUT4, to DFF flip-flop D-input
before active clock edge on the GBIN input, including interconnect delay.
.67
ns
tHDLI
GBIN
input
PIO
input
Minimum hold time on PIO input, through LUT4, to DFF flip-flop D-input
after active clock edge on the GBIN input, including interconnect delay.
0
ns
Combinational Logic Paths
tLUT4IN
PIO
input
LUT4
input
Asynchronous delay from PIO input pad to adjacent PLB interconnect.
1.8
ns
tILO
LUT4
input
LUT4
output
Logic cell LUT4 combinational logic propagation delay, regardless of logic
complexity from input to output.
0.34
ns
tLUT4IN
LUT4
output
PIO
output
Asynchronous delay from adjacent PLB interconnect to PIO output
pad.
3.7
ns


Similar Part No. - ICE40HX1K-QN225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
iCE40HX1K-CB132 LATTICE-iCE40HX1K-CB132 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-CB132 LATTICE-ICE40HX1K-CB132 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-TQ144 LATTICE-iCE40HX1K-TQ144 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-TQ144 LATTICE-ICE40HX1K-TQ144 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
More results

Similar Description - ICE40HX1K-QN225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com