Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI600U4G-120 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2MBI600U4G-120
Description  IGBT MODULE (U series) 1200V / 600A / 2 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI600U4G-120 Datasheet(HTML) 2 Page - Fuji Electric

  2MBI600U4G-120 Datasheet HTML 1Page - Fuji Electric 2MBI600U4G-120 Datasheet HTML 2Page - Fuji Electric 2MBI600U4G-120 Datasheet HTML 3Page - Fuji Electric 2MBI600U4G-120 Datasheet HTML 4Page - Fuji Electric 2MBI600U4G-120 Datasheet HTML 5Page - Fuji Electric 2MBI600U4G-120 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IGBT Modules
2MBI600U4G-120
http://www.fujielectric.com/products/semiconductor/
3
Characteristics (Representative)
Capacitance vs. Collector-Emitter voltage (typ.)
VGE=0V, f= 1MHz, Tj= 25°C
Dynamic Gate charge (typ.)
VCC=600V, IC=600A, Tj= 25°C
Tj=25ºC,chip
Tj=25ºC,chip
VGE=+15V,chip
Collector current vs. Collector-Emitter voltage (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 125°C, chip
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
0
200
400
600
800
1000
1200
1400
0.0
1.0
2.0
3.0
4.0
5.0
Collector-Emitter voltage : VCE [V]
VGE=20V 15V
12V
10V
8V
0
200
400
600
800
1000
1200
1400
0.0
1.0
2.0
3.0
4.0
5.0
Collector-Emitter voltage : VCE [V]
VGE=20V 15V
12V
10V
8V
0
200
400
600
800
1000
1200
1400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Collector-Emitter voltage : VCE [V]
Tj=125°C
Tj=25°C
0
2
4
6
8
10
5
10
15
20
25
Gate - Emitter voltage : VGE [ V ]
Ic=1200A
Ic=600A
Ic=300A
1
10
100
1000
0
10
20
30
Collector-Emitter voltage : VCE [V]
Cies
Coes
Cres
0
200
400
600
800
1000
0
500
1000
1500
2000
2500
3000
Gate charge : Qg [ nC ]
0
5
10
15
20
25
VCE
VGE


Similar Part No. - 2MBI600U4G-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI600U4G-170 FUJI-2MBI600U4G-170 Datasheet
485Kb / 6P
   IGBT MODULE
More results

Similar Description - 2MBI600U4G-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MBI600UB-120 ETC2-1MBI600UB-120 Datasheet
115Kb / 4P
   IGBT Module U-Series 1200V / 600A 1 in one-package
logo
Fuji Electric
2MBI600VE-120-50 FUJI-2MBI600VE-120-50 Datasheet
476Kb / 6P
   IGBT MODULE (V series) 1200V / 600A / 2 in one package
2MBI600VXA-120E-50 FUJI-2MBI600VXA-120E-50 Datasheet
476Kb / 7P
   IGBT MODULE (V series) 1200V / 600A / 2 in one package
logo
List of Unclassifed Man...
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
   IGBT Module U-Series 1200V / 300A 2 in one-package
2MBI300UD-120 ETC1-2MBI300UD-120 Datasheet
105Kb / 4P
   1200V / 300A 2 in one-package IGBT Module U-Series
logo
Fuji Electric
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
   IGBT MODULE (U series) 1200V / 1200A / 2 in one package
logo
List of Unclassifed Man...
2MBI150UA-120 ETC2-2MBI150UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI150UB-120 ETC2-2MBI150UB-120 Datasheet
105Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI75UA-120 ETC2-2MBI75UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 75A 2 in one-package
logo
Fuji Electric
2MBI800U4G-120 FUJI-2MBI800U4G-120 Datasheet
615Kb / 6P
   IGBT MODULE (U series) 1200V / 800A / 2 in one package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com