Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5951 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5951
Description  24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5951 Datasheet HTML 1Page - Texas Instruments TLC5951 Datasheet HTML 2Page - Texas Instruments TLC5951 Datasheet HTML 3Page - Texas Instruments TLC5951 Datasheet HTML 4Page - Texas Instruments TLC5951 Datasheet HTML 5Page - Texas Instruments TLC5951 Datasheet HTML 6Page - Texas Instruments TLC5951 Datasheet HTML 7Page - Texas Instruments TLC5951 Datasheet HTML 8Page - Texas Instruments TLC5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
D (%)=
I
OUTXn (N=0-7)
- 1
(I
+I
+...+I
)
OUTX0
OUTX1
OUTX6 +IOUTX7
8
´ 100
TLC5951
SBVS127B – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VCC = 3 V to 5.5 V, and VLED = 5 V, unless otherwise noted. Typical values are at TA = +25°C and
VCC = 3.3 V.
TLC5951
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
At GSSOUT, DCSOUT, IOH = –1 mA
VCC – 0.4
VCC
V
VOL
Low level output voltage
At GSSOUT, DCSOUT, IOL = 1 mA
0.4
V
At GSSCK, GSLAT, DCSIN, DCSCK, GSCKR/G/B with VI = VCC,
II
Input current
At GSSIN, GSSCK, GSLAT, DCSIN, XBLNK, DCSCK,
–1
1
μA
GSCKR/G/B with VI = GND
GSSIN, GSSCK, GSLAT, DCSIN, DCSCK = low, XBLNK = low,
GSCKR/G/B = low, VOUTRn/Gn/Bn = 1 V, BCR/G/B = FFh,
ICC1
1
3
mA
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
RIREF = 24 kΩ (IOUTRn/Gn/Bn = 2 mA target)
GSSIN, GSSCK, GSLAT, DCSIN, DCSCK = low, XBLNK = low,
GSCKR/G/B = low, VOUTRn/Gn/Bn = 1 V, BCR/G/B = FFh,
ICC2
6
10
mA
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
RIREF = 2.4 kΩ (IOUTRn/Gn/Bn = 20 mA target)
GSSIN, GSSCK, GSLAT, DCSIN, DCSCK = low, XBLNK = high,
Supply current
GSCKR/G/B = 33 MHz, VOUTRn/Gn/Bn = 1 V,
ICC3
GSRn/Gn/Bn = FFFh, BCR/G/B = FFh,
12
27
mA
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
RIREF = 2.4 kΩ (IOUTRn/Gn/Bn = 20 mA target), auto repeat on
GSSIN, GSSCK, GSLAT, DCSIN, DCSCK = low, XBLNK = high,
GSCKR/G/B = 33 MHz, VOUTRn/Gn/Bn = 1 V,
ICC4
GSRn/Gn/Bn = FFFh, BCR/G/B = FFh,
21
55
mA
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target), auto repeat on
At OUTR0-OUTR7, OUTG0-OUTG7, OUTB0-OUTB7,
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
IOLC
Constant output current
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
35
40
45
mA
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
IOLKG
Leakage output current
0.1
μA
XBLNK = low, VOUTRn/Gn/Bn = VOUTfix = 15 V, RIREF = 1.2 kΩ
At OUTR0-OUTR7, OUTG0-OUTG7 and OUTB0-OUTB7,
Constant-current error(1)
All OUTRn/Gn/Bn = on, BCR/G/B = FFh,
ΔIOLC
(channel-to-channel in
DCRn/Gn/Bn = 7Fh with DC high adjustment range,
±1.5
±4
%
same color group)
VOUTRn/Gn/Bn = 1 V, VOUTfix = 1 V,
RIREF = 1.2 kΩ (IOUTRn/Gn/Bn = 40 mA target)
(1)
The deviation of each output in the same color group from the average of the same color group (OUTR0-OUTR7, OUTG0-OUTG7, or
OUTB0-OUTB7) constant current. The deviation is calculated by the formula (X = R, G, or B; n = 0-7):
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC5951


Similar Part No. - TLC5951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951RTAR TI1-TLC5951RTAR Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951TDA2 TI1-TLC5951TDA2 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951TDA3 TI1-TLC5951TDA3 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
More results

Similar Description - TLC5951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com