Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL136MRT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSL136MRT
Description  Green-Mode Fairchild Power Switch (FPS??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL136MRT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSL136MRT Datasheet HTML 1Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 2Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 3Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 4Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 5Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 6Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 7Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 8Page - Fairchild Semiconductor FSL136MRT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL136MRT • Rev. 1.0.0
FSL136MRT
Green-Mode Fairchild Power Switch (FPS™)
Features
Internal Avalanched-Rugged 650V SenseFET
Advanced Soft Burst-Mode Operation for Low
Standby Power and Low Audible Noise
Random Frequency Fluctuation for Low EMI
Pulse-by-Pulse Current Limit
Various Protection Functions: Overload Protection
(OLP), Over-Voltage Protection (OVP), Abnormal
Over-Current Protection (AOCP), Internal Thermal
Shutdown (TSD) with Hysteresis, and Under-Voltage
Lockout (UVLO) with Hysteresis
Low Operating Current (0.4mA) in Burst Mode
Internal Startup Circuit
Built-in Soft-Start: 15ms
Auto-Restart Mode
Applications
Power Supply for STB Home Appliances and
DVD Combination
Description
The FSL136MRT is an integrated Pulse Width
Modulation (PWM) controller and SenseFET specifically
designed for offline Switch-Mode Power Supplies
(SMPS) with minimal external components. The PWM
controller
includes
an
integrated
fixed-frequency
oscillator, Under-Voltage Lockout (UVLO), Leading-
Edge Blanking (LEB), optimized gate driver, internal
soft-start, temperature-compensated precise current
sources for loop compensation, and self-protection
circuitry. Compared with a discrete MOSFET and PWM
controller solution, the FSL136MRT can reduce total
cost, component count, size, and weight; while
simultaneously increasing efficiency, productivity, and
system reliability. This device provides a basic platform
suited for cost-effective design of a flyback converter.
Ordering Information
Part Number
Package
Operating
Junction
Temperature
Current
Limit
RDS(ON)
(Max.)
Output Power Table
(2)
Replaces
Device
230VAC ± 15%
(3)
85~265VAC
Adapter
(4)
Open
Frame
(5) Adapter
(4)
Open
Frame
(5)
FSL136MRT
TO-220F
6-Lead
(1)
W-Forming
-
40°C ~
+125°C
2.15A
4
Ω
35W
50W
24W
35W
KA5M0365RY
DTU
Notes:
1.
Pb-free package per JEDEC J-STD-020B.
2.
The junction temperature can limit the maximum output power.
3.
230VAC or 100/115VAC with voltage doubler.
4.
Typical continuous power in a non-ventilated enclosed adapter measured at 50
°C ambient temperature.
5.
Maximum practical continuous power in an open-frame design at 50
°C ambient temperature.


Similar Part No. - FSL136MRT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL136MR ONSEMI-FSL136MR Datasheet
408Kb / 13P
   Green Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSL136MRT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com