Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL126MRT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSL126MRT
Description  Green-Mode Fairchild Power Switch (FPS??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL126MRT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSL126MRT Datasheet HTML 1Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 2Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 3Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 4Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 5Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 6Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 7Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 8Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL126MRT • Rev. 1.0.0
5
Electrical Characteristics
TJ = 25
°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
BVDSS
Drain-Source Breakdown Voltage
VCC=0V, ID=250
μA
650
V
IDSS
Zero-Gate-Voltage Drain Current
VDS=520V, TA=125
°C
250
μA
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=1A
4.9
6.2
CISS
Input Capacitance
(12)
VDS=25V, VGS=0V, f=1MHz
210
pF
COSS
Output Capacitance
(12)
VDS=25V, VGS=0V, f=1MHz
33.3
pF
CRSS
Reverse Transfer Capacitance
(12)
VDS=25V, VGS=0V, f=1MHz
4.1
pF
tr
Rise Time
VDS=325V, ID=2A, RG=25Ω
16.4
ns
tf
Fall Time
VDS=325V, ID=2A, RG=25Ω
23
ns
td(on)
Turn-On Delay
VDS=325V, ID=2A, RG=25Ω
23
ns
td(off)
Turn-Off Delay
VDS=325V, ID=2A, RG=25Ω
17.2
ns
Control Section
fS
Switching Frequency
(12)
VCC=14V, VFB=4V
61
67
73
kHz
ΔfS
Switching Frequency Variation
(12)
-
25
°C < TJ < 125°C
±5
±10
%
DMAX
Maximum Duty Ratio
VCC=14V, VFB=4V
61
67
73
%
DMIN
Minimum Duty Ratio
VCC=14V, VFB=0V
0
%
IFB
Feedback Source Current
VFB=0
65
90
115
μA
VSTART
UVLO Threshold Voltage
VFB=0V, VCC Sweep
11
12
13
V
VSTOP
After Turn-on, VFB=0V
7.0
7.5
8.0
V
tS/S
Internal Soft-Start Time
VCC Sweep
15
ms
Burst-Mode Section
VBURH
Burst-Mode Voltage
VCC=14V, VFB Sweep
0.46
0.55
0.66
V
VBURL
0.33
0.40
0.48
V
Hys
150
mV
Protection Section
ILIM
Peak Drain Current Limit
di/dt=300mA/
μs
1.05
1.20
1.34
A
VSD
Shutdown Feedback Voltage
VCC=14V, VFB Sweep
6.45
7.00
7.55
V
IDELAY
Shutdown Delay Current
VCC=14V, VFB=4V
1.2
2.0
2.8
μA
tLEB
Leading-Edge Blanking Time
(12,14)
350
ns
VOVP
Over-Voltage Protection
VCC Sweep
23.0
24.5
26.0
V
TSD
Thermal Shutdown Temperature
(12)
Shutdown Temperature
130
140
150
°C
Hys
Hysteresis
60
°C
Continued on the following page…


Similar Part No. - FSL126MRT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL126MR FAIRCHILD-FSL126MR Datasheet
1Mb / 13P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL126MR ONSEMI-FSL126MR Datasheet
274Kb / 13P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSL126MRT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com