Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320DM6446 Datasheet(PDF) 11 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
Download  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 7Page - Texas Instruments SM320DM6446 Datasheet HTML 8Page - Texas Instruments SM320DM6446 Datasheet HTML 9Page - Texas Instruments SM320DM6446 Datasheet HTML 10Page - Texas Instruments SM320DM6446 Datasheet HTML 11Page - Texas Instruments SM320DM6446 Datasheet HTML 12Page - Texas Instruments SM320DM6446 Datasheet HTML 13Page - Texas Instruments SM320DM6446 Datasheet HTML 14Page - Texas Instruments SM320DM6446 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 228 page
background image
2.3.8.2 External Memories
2.3.8.3 DSP Memories
2.3.8.4 ARM-DSP Integration
2.3.9
Peripherals
2.3.10 PLL Controller (PLLC)
2.3.11 Power and Sleep Controller (PSC)
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
The ARM has access to the following external memories:
• DDR2 Synchronous DRAM
• Asynchronous EMIF / NOR Flash / NAND Flash
• ATA/CF
• Flash card devices:
MMC/SD with SDIO
xD
SmartMedia
The ARM has access to the following DSP memories:
• L2 RAM
• L1P RAM
• L1D RAM
DM6446 ARM and DSP integration features are as follows:
• DSP visibility from ARM’s memory map, see Section 2.5, Memory Map Summary, for details
• Boot Modes for DSP - see Device Configurations section, Section 3.3.3, DSP Boot, for details
• ARM control of DSP boot / reset - see Device Configurations section, Section 3.3.2, ARM Boot, for
details
• ARM control of DSP isolation and powerdown / powerup - see Section 3, Device Configurations, for
details
• ARM & DSP Interrupts - see Section 6.7.1, ARM CPU Interrupts, and Section 6.7.2, DSP Interrupts, for
details
The ARM9 has access to all of the peripherals on the DM6446 device with the exception of the VICP.
The ARM Subsystem includes the PLL Controller. The PLL Controller contains a set of registers for
configuring DM6446’s two internal PLLs (PLL1 and PLL2). The PLL Controller provides the following
configuration and control:
• PLL Bypass Mode
• Set PLL multiplier parameters
• Set PLL divider parameters
• PLL power down
• Oscillator power down
The PLLs are briefly described in this document in the Clocking section. For more detailed information on
the PLLs and PLL Controller register descriptions, see Section 2.8.3, Documentation Support, of this
document for the TMS320DM644x ARM Subsystem Reference Guide (literature number SPRUE14).
The ARM Subsystem includes the Power and Sleep Controller (PSC). Through register settings
accessible by the ARM9, the PSC provides two levels of power savings: peripheral/module clock gating
and power domain shut-off. Brief details on the PSC are given in Section 6.3, Power Supplies. For more
detailed information and complete register descriptions for the PSC, see Section 2.8.3, Documentation
Support, for the TMS320DM644x ARM Subsystem Reference Guide (literature number SPRUE14).
Submit Documentation Feedback
Device Overview
11


Similar Part No. - SM320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM6446-HIREL TI-SM320DM6446-HIREL Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - SM320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com