Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82442T1124K050 Datasheet(PDF) 5 Page - EPCOS

Part # B82442T1124K050
Description  SMT inductors ??SIMID series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1124K050 Datasheet(HTML) 5 Page - EPCOS

  B82442T1124K050 Datasheet HTML 1Page - EPCOS B82442T1124K050 Datasheet HTML 2Page - EPCOS B82442T1124K050 Datasheet HTML 3Page - EPCOS B82442T1124K050 Datasheet HTML 4Page - EPCOS B82442T1124K050 Datasheet HTML 5Page - EPCOS B82442T1124K050 Datasheet HTML 6Page - EPCOS B82442T1124K050 Datasheet HTML 7Page - EPCOS B82442T1124K050 Datasheet HTML 8Page - EPCOS B82442T1124K050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMT inductors – SIMID series
B82442T
SIMID 2220-T
Please read Cautions and warnings and
Page 5 of 9
2010-07-05
Important notes at the end of this document
.
Characteristics and ordering codes
LR
H
Tolerance
Qmin
fL;fQ
MHz
IR
mA
Isat
mA
Rmax
fres, min
MHz
Ordering code
1.0
1.5
2.2
 20% ^ M 15
15
15
7.96
7.96
7.96
3510
3020
2710
7330
5480
4820
0.025
0.033
0.038
111
60
46
B82442T1102M050
B82442T1152M050
B82442T1222M050
3.3
4.7
6.8
15
15
15
7.96
7.96
7.96
2460
1950
1680
4010
3450
2770
0.046
0.073
0.106
36
30
23
B82442T1332M050
B82442T1472M050
B82442T1682M050
10
12
15
 10% ^ K
15
15
15
2.52
2.52
2.52
1420
1380
1260
2280
2160
1870
0.132
0.141
0.190
19
19
16
B82442T1103K050
B82442T1123K050
B82442T1153K050
18
22
27
15
15
15
2.52
2.52
2.52
1090
1040
880
1780
1590
1400
0.210
0.238
0.307
14
13
11
B82442T1183K050
B82442T1223K050
B82442T1273K050
33
39
47
15
15
15
2.52
2.52
2.52
840
720
700
1380
1190
1120
0.360
0.456
0.519
11
9.0
8.0
B82442T1333K050
B82442T1393K050
B82442T1473K050
56
68
82
15
15
15
2.52
2.52
2.52
600
570
540
1010
900
830
0.679
0.781
0.832
7.5
7.0
6.6
B82442T1563K050
B82442T1683K050
B82442T1823K050
100
120
150
20
20
20
0.796
0.796
0.796
510
440
410
760
670
610
0.99
1.29
1.50
6.1
5.3
4.6
B82442T1104K050
B82442T1124K050
B82442T1154K050
180
220
270
20
20
20
0.796
0.796
0.796
350
330
290
550
500
450
1.96
2.21
2.95
4.2
3.9
3.5
B82442T1184K050
B82442T1224K050
B82442T1274K050
330
390
470
20
20
20
0.796
0.796
0.796
280
260
240
430
390
350
3.29
3.70
4.73
3.4
3.0
2.6
B82442T1334K050
B82442T1394K050
B82442T1474K050
560
680
820
1000
20
20
20
30
0.796
0.796
0.796
0.252
220
210
170
150
320
300
270
246
5.21
5.87
7.86
9.5
2.4
2.3
2.2
1.8
B82442T1564K050
B82442T1684K050
B82442T1824K050
B82442T1105K050
=
=


Similar Part No. - B82442T1124K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442T1102M050 EPCOS-B82442T1102M050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1103K050 EPCOS-B82442T1103K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1104K050 EPCOS-B82442T1104K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1105K050 EPCOS-B82442T1105K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1106K050 EPCOS-B82442T1106K050 Datasheet
179Kb / 8P
   SMT inductors
More results

Similar Description - B82442T1124K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com