Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C6712D-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6712D-EP
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6712D-EP Datasheet(HTML) 5 Page - Texas Instruments

  SM320C6712D-EP Datasheet HTML 1Page - Texas Instruments SM320C6712D-EP Datasheet HTML 2Page - Texas Instruments SM320C6712D-EP Datasheet HTML 3Page - Texas Instruments SM320C6712D-EP Datasheet HTML 4Page - Texas Instruments SM320C6712D-EP Datasheet HTML 5Page - Texas Instruments SM320C6712D-EP Datasheet HTML 6Page - Texas Instruments SM320C6712D-EP Datasheet HTML 7Page - Texas Instruments SM320C6712D-EP Datasheet HTML 8Page - Texas Instruments SM320C6712D-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6712/C6712C/C6712D DSPs. The table shows significant features of
each device, including the capacity of on-chip RAM, the peripherals, the execution time, and the package type
with pin count. For more details on the C6000
 DSP device part numbers and part numbering, see Table 17
and Figure 5.
Table 1. Characteristics of the C6712, C6712C, and C6712D Processors
HARDWARE FEATURES
INTERNAL CLOCK
SOURCE
C6712
(FLOATING-POINT DSP)
C6712C/C6712D
(FLOATING-POINT DSPs)
EMIF
ECLKIN
1
EMIF
SYSCLK3 or ECLKIN
1
EDMA
CPU clock frequency
1
1
Peripherals
McBSPs
CPU/2 clock frequency
2
Peripherals
McBSPs
SYSCLK2
2
32-Bit Timers
CPU/4 clock frequency
2
32-Bit Timers
1/2 of SYSCLK2
2
GPIO Module
SYSCLK2
1
Size (Bytes)
72K
72K
On-Chip Memory
Organization
4K-Byte (4KB) L1 Program (L1P) Cache
4KB L1 Data (L1D) Cache
64KB Unified Mapped RAM/Cache (L2)
CPU ID+
CPU Rev ID
Control Status Register (CSR.[31:16])
0x0202
0x0203
Frequency
MHz
100
167
Cycle Time
ns
10 ns (C6712-100)
6 ns (C6712D-167)
6 ns (C6712C-167)
Voltage
Core (V)
1.8
1.20‡
Voltage
I/O (V)
3.3
3.3
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4
Clock Generator Options
Prescaler
Multiplier
Postscaler
/1, /2, /3, ..., /32
x4, x5, x6, ..., x25
/1, /2, /3, ..., /32
BGA Package
27 x 27 mm
256-Pin BGA (GFN)
272-Pin BGA (GDP)
Process Technology
µm
0.18
µm
0.13
µm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PP†
PP (C6712C)†
PD (C6712D)†
† PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
‡ This value is compatible with existing 1.26V designs.


Similar Part No. - SM320C6712D-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6711-EP TI1-SM320C6711-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711B-EP TI1-SM320C6711B-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711C-EP TI1-SM320C6711C-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711D-EP TI1-SM320C6711D-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6713-EP TI-SM320C6713-EP Datasheet
1Mb / 123P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com