Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSD156MRBN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSD156MRBN
Description  Green-Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSD156MRBN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSD156MRBN Datasheet HTML 1Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 2Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 3Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 4Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSD156MRBN • Rev. 1.0.0
3
Pin Configuration
4. N.C.
2. VCC
3. FB
1. GND
FSD156MRBN
8. Drain
5. Drain
7. Drain
6. Drain
Figure 3.
Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
GND
Ground. This pin is the control ground and the SenseFET source.
2
VCC
Power Supply. This pin is the positive supply input, which provides the internal operating
current for both startup and steady-state operation.
3
FB
Feedback. This pin is internally connected to the inverting input of the PWM comparator.
The collector of an opto-coupler is typically tied to this pin. For stable operation, a capacitor
should be placed between this pin and GND. If the voltage of this pin reaches 7.0V, the
overload protection triggers, which shuts down the FPS™.
4
NC
No Connection
5, 6, 7, 8
Drain
SenseFET Drain. High-voltage power SenseFET drain connection.


Similar Part No. - FSD156MRBN

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FSD15C FUTUREWAFER-FSD15C Datasheet
827Kb / 4P
   Single Line TVS for ESD Protection Device in Portable Electronics
FSD15C FUTUREWAFER-FSD15C Datasheet
894Kb / 7P
   Single Line TVS for ESD Protection Device in Portable Electronics
More results

Similar Description - FSD156MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com