Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82789C0223N001 Datasheet(PDF) 10 Page - EPCOS

Part # B82789C0223N001
Description  SIMDAD 1812, common-mode chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0223N001 Datasheet(HTML) 10 Page - EPCOS

Back Button B82789C0223N001 Datasheet HTML 3Page - EPCOS B82789C0223N001 Datasheet HTML 4Page - EPCOS B82789C0223N001 Datasheet HTML 5Page - EPCOS B82789C0223N001 Datasheet HTML 6Page - EPCOS B82789C0223N001 Datasheet HTML 7Page - EPCOS B82789C0223N001 Datasheet HTML 8Page - EPCOS B82789C0223N001 Datasheet HTML 9Page - EPCOS B82789C0223N001 Datasheet HTML 10Page - EPCOS B82789C0223N001 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B82789C0223N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0223N001 EPCOS-B82789C0223N001 Datasheet
80Kb / 6P
   Chokes for data and signal lines
B82789C0223N001 EPCOS-B82789C0223N001 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0223N001 EPCOS-B82789C0223N001 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0223N001 EPCOS-B82789C0223N001 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0223N001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82789C0 TDK-B82789C0 Datasheet
236Kb / 10P
   SIMDAD 1812, common-mode chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com